Electronic Components Datasheet Search
  English  ▼

X  

FLEX10KA Datasheet(PDF) 60 Page - Altera Corporation

Part # FLEX10KA
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KA Datasheet(HTML) 60 Page - Altera Corporation

Back Button FLEX10KA Datasheet HTML 56Page - Altera Corporation FLEX10KA Datasheet HTML 57Page - Altera Corporation FLEX10KA Datasheet HTML 58Page - Altera Corporation FLEX10KA Datasheet HTML 59Page - Altera Corporation FLEX10KA Datasheet HTML 60Page - Altera Corporation FLEX10KA Datasheet HTML 61Page - Altera Corporation FLEX10KA Datasheet HTML 62Page - Altera Corporation FLEX10KA Datasheet HTML 63Page - Altera Corporation FLEX10KA Datasheet HTML 64Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 128 page
background image
60
Altera Corporation
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
tSU
LE register setup time for data and enable signals before clock; LE register
recovery time after asynchronous clear, preset, or load
tH
LE register hold time for data and enable signals after clock
tPRE
LE register preset delay
tCLR
LE register clear delay
tCH
Minimum clock high time from clock pin
tCL
Minimum clock low time from clock pin
Table 33. IOE Timing Microparameters
Note (1)
Symbol
Parameter
Conditions
tIOD
IOE data delay
tIOC
IOE register control signal delay
tIOCO
IOE register clock-to-output delay
tIOCOMB
IOE combinatorial delay
tIOSU
IOE register setup time for data and enable signals before clock; IOE register
recovery time after asynchronous clear
tIOH
IOE register hold time for data and enable signals after clock
tIOCLR
IOE register clear time
tOD1
Output buffer and pad delay, slow slew rate = off, VCCIO = VCCINT
C1 = 35 pF (2)
tOD2
Output buffer and pad delay, slow slew rate = off, VCCIO = low voltage
C1 = 35 pF (3)
tOD3
Output buffer and pad delay, slow slew rate = on
C1 = 35 pF (4)
tXZ
IOE output buffer disable delay
tZX1
IOE output buffer enable delay, slow slew rate = off, VCCIO = VCCINT
C1 = 35 pF (2)
tZX2
IOE output buffer enable delay, slow slew rate = off, VCCIO = low voltage
C1 = 35 pF (3)
tZX3
IOE output buffer enable delay, slow slew rate = on
C1 = 35 pF (4)
tINREG
IOE input pad and buffer to IOE register delay
tIOFD
IOE register feedback delay
tINCOMB
IOE input pad and buffer to FastTrack Interconnect delay
Table 32. LE Timing Microparameters (Part 2 of 2)
Note (1)
Symbol
Parameter
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com