Electronic Components Datasheet Search
  English  ▼

X  

FLEX10KA Datasheet(PDF) 71 Page - Altera Corporation

Part # FLEX10KA
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KA Datasheet(HTML) 71 Page - Altera Corporation

Back Button FLEX10KA Datasheet HTML 67Page - Altera Corporation FLEX10KA Datasheet HTML 68Page - Altera Corporation FLEX10KA Datasheet HTML 69Page - Altera Corporation FLEX10KA Datasheet HTML 70Page - Altera Corporation FLEX10KA Datasheet HTML 71Page - Altera Corporation FLEX10KA Datasheet HTML 72Page - Altera Corporation FLEX10KA Datasheet HTML 73Page - Altera Corporation FLEX10KA Datasheet HTML 74Page - Altera Corporation FLEX10KA Datasheet HTML 75Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 128 page
background image
Altera Corporation
71
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Notes to tables:
(1)
All timing parameters are described in Tables 32 through 38 in this data sheet.
(2)
Using an LE to register the signal may provide a lower setup time.
(3)
This parameter is specified by characterization.
Table 45. EPF10K10 & EPF10K20 Device External Timing Parameters
Note (1)
Symbol
-3 Speed Grade
-4 Speed Grade
Unit
Min
Max
Min
Max
tDRR
16.1
20.0
ns
tINSU (2), (3)
5.5
6.0
ns
tINH (3)
0.0
0.0
ns
tOUTCO (3)
2.0
6.7
2.0
8.4
ns
Table 46. EPF10K10 Device External Bidirectional Timing Parameters
Note (1)
Symbol
-3 Speed Grade
-4 Speed Grade
Unit
Min
Max
Min
Max
tINSUBIDIR
4.5
5.6
ns
tINHBIDIR
0.0
0.0
ns
tOUTCOBIDIR
2.0
6.7
2.0
8.4
ns
tXZBIDIR
10.5
13.4
ns
tZXBIDIR
10.5
13.4
ns
Table 47. EPF10K20 Device External Bidirectional Timing Parameters
Note (1)
Symbol
-3 Speed Grade
-4 Speed Grade
Unit
Min
Max
Min
Max
tINSUBIDIR
4.6
5.7
ns
tINHBIDIR
0.0
0.0
ns
tOUTCOBIDIR
2.0
6.7
2.0
8.4
ns
tXZBIDIR
10.5
13.4
ns
tZXBIDIR
10.5
13.4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com