Electronic Components Datasheet Search
  English  ▼

X  

FLEX10KA Datasheet(PDF) 14 Page - Altera Corporation

Part # FLEX10KA
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KA Datasheet(HTML) 14 Page - Altera Corporation

Back Button FLEX10KA Datasheet HTML 10Page - Altera Corporation FLEX10KA Datasheet HTML 11Page - Altera Corporation FLEX10KA Datasheet HTML 12Page - Altera Corporation FLEX10KA Datasheet HTML 13Page - Altera Corporation FLEX10KA Datasheet HTML 14Page - Altera Corporation FLEX10KA Datasheet HTML 15Page - Altera Corporation FLEX10KA Datasheet HTML 16Page - Altera Corporation FLEX10KA Datasheet HTML 17Page - Altera Corporation FLEX10KA Datasheet HTML 18Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 128 page
background image
14
Altera Corporation
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Each LAB provides four control signals with programmable inversion
that can be used in all eight LEs. Two of these signals can be used as clocks;
the other two can be used for clear/preset control. The LAB clocks can be
driven by the dedicated clock input pins, global signals, I/O signals, or
internal signals via the LAB local interconnect. The LAB preset and clear
control signals can be driven by the global signals, I/O signals, or internal
signals via the LAB local interconnect. The global control signals are
typically used for global clock, clear, or preset signals because they
provide asynchronous control with very low skew across the device. If
logic is required on a control signal, it can be generated in one or more LEs
in any LAB and driven into the local interconnect of the target LAB. In
addition, the global control signals can be generated from LE outputs.
Logic Element
The LE, the smallest unit of logic in the FLEX 10K architecture, has a
compact size that provides efficient logic utilization. Each LE contains a
four-input LUT, which is a function generator that can quickly compute
any function of four variables. In addition, each LE contains a
programmable flipflop with a synchronous enable, a carry chain, and a
cascade chain. Each LE drives both the local and the FastTrack
Interconnect. See Figure 6.
Figure 6. FLEX 10K Logic Element
To LAB Local
Interconnect
Carry-In
Clock
Select
Carry-Out
Look-Up
Table
(LUT)
Clear/
Preset
Logic
Carry
Chain
Cascade
Chain
Cascade-In
Cascade-Out
To FastTrack
Interconnect
Programmable
Register
PRN
CLRN
DQ
ENA
Register Bypass
Chip-Wide
Reset
data1
data2
data3
data4
labctrl1
labctrl2
labctrl3
labctrl4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com