Electronic Components Datasheet Search
  English  ▼

X  

FLEX10KA Datasheet(PDF) 38 Page - Altera Corporation

Part # FLEX10KA
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KA Datasheet(HTML) 38 Page - Altera Corporation

Back Button FLEX10KA Datasheet HTML 34Page - Altera Corporation FLEX10KA Datasheet HTML 35Page - Altera Corporation FLEX10KA Datasheet HTML 36Page - Altera Corporation FLEX10KA Datasheet HTML 37Page - Altera Corporation FLEX10KA Datasheet HTML 38Page - Altera Corporation FLEX10KA Datasheet HTML 39Page - Altera Corporation FLEX10KA Datasheet HTML 40Page - Altera Corporation FLEX10KA Datasheet HTML 41Page - Altera Corporation FLEX10KA Datasheet HTML 42Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 128 page
background image
38
Altera Corporation
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Figure 17. Enabling ClockLock & ClockBoost in the Same Design
To use both the ClockLock and ClockBoost circuits in the same design,
designers must use Revision C EPF10K100GC503-3DX devices and
MAX+PLUS II software versions 7.2 or higher. The die revision is
indicated by the third digit of the nine-digit code on the top side of the
device.
Output
Configuration
This section discusses the peripheral component interconnect (PCI)
pull-up clamping diode option, slew-rate control, open-drain output
option, MultiVolt I/O interface, and power sequencing for FLEX 10K
devices. The PCI pull-up clamping diode, slew-rate control, and
open-drain output options are controlled pin-by-pin via Altera logic
options. The MultiVolt I/O interface is controlled by connecting VCCIO to
a different voltage than VCCINT. Its effect can be simulated in the Altera
software via the Global Project Device Options dialog box (Assign
menu).
PCI Clamping Diodes
The EPF10K10A and EPF10K30A devices have a pull-up clamping diode
on every I/O, dedicated input, and dedicated clock pin. PCI clamping
diodes clamp the transient overshoot caused by reflected waves to the
VCCIO value and are required for 3.3-V PCI compliance. Clamping diodes
can also be used to limit overshoot in other systems.
Clamping diodes are controlled on a pin-by-pin basis via a logic option in
the Altera software. When VCCIO is 3.3 V, a pin that has the clamping
diode turned on can be driven by a 2.5-V or 3.3-V signal, but not a 5.0-V
signal. When VCCIO is 2.5 V, a pin that has the clamping diode turned on
can be driven by a 2.5-V signal, but not a 3.3-V or 5.0-V signal. However,
a clamping diode can be turned on for a subset of pins, which allows
devices to bridge between a 3.3-V PCI bus and a 5.0-V device.
DQ
DQ
a
b
aout
bout
gclk1
CLKLOCK
CLKLOCK
CLOCKBOOST=1
INPUT_FREQUENCY=50
CLOCKBOOST=2
INPUT_FREQUENCY=50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com