Electronic Components Datasheet Search
  English  ▼

X  

FLEX10KA Datasheet(PDF) 29 Page - Altera Corporation

Part # FLEX10KA
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KA Datasheet(HTML) 29 Page - Altera Corporation

Back Button FLEX10KA Datasheet HTML 25Page - Altera Corporation FLEX10KA Datasheet HTML 26Page - Altera Corporation FLEX10KA Datasheet HTML 27Page - Altera Corporation FLEX10KA Datasheet HTML 28Page - Altera Corporation FLEX10KA Datasheet HTML 29Page - Altera Corporation FLEX10KA Datasheet HTML 30Page - Altera Corporation FLEX10KA Datasheet HTML 31Page - Altera Corporation FLEX10KA Datasheet HTML 32Page - Altera Corporation FLEX10KA Datasheet HTML 33Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 128 page
background image
Altera Corporation
29
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
I/O Element
An I/O element (IOE) contains a bidirectional I/O buffer and a register
that can be used either as an input register for external data that requires
a fast setup time, or as an output register for data that requires fast clock-
to-output performance. In some cases, using an LE register for an input
register will result in a faster setup time than using an IOE register. IOEs
can be used as input, output, or bidirectional pins. For bidirectional
registered I/O implementation, the output register should be in the IOE
and, the data input and output enable register should be LE registers
placed adjacent to the bidirectional pin. The Compiler uses the
programmable inversion option to invert signals from the row and
column interconnect automatically where appropriate. Figure 13 shows
the bidirectional I/O registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com