Electronic Components Datasheet Search
  English  ▼

X  

FLEX10KA Datasheet(PDF) 55 Page - Altera Corporation

Part # FLEX10KA
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KA Datasheet(HTML) 55 Page - Altera Corporation

Back Button FLEX10KA Datasheet HTML 51Page - Altera Corporation FLEX10KA Datasheet HTML 52Page - Altera Corporation FLEX10KA Datasheet HTML 53Page - Altera Corporation FLEX10KA Datasheet HTML 54Page - Altera Corporation FLEX10KA Datasheet HTML 55Page - Altera Corporation FLEX10KA Datasheet HTML 56Page - Altera Corporation FLEX10KA Datasheet HTML 57Page - Altera Corporation FLEX10KA Datasheet HTML 58Page - Altera Corporation FLEX10KA Datasheet HTML 59Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 128 page
background image
Altera Corporation
55
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Figure 23. Output Drive Characteristics for EPF10K250A Device
Timing Model
The continuous, high-performance FastTrack Interconnect routing
resources ensure predictable performance and accurate simulation and
timing analysis. This predictable performance contrasts with that of
FPGAs, which use a segmented connection scheme and therefore have
unpredictable performance.
Device performance can be estimated by following the signal path from a
source, through the interconnect, to the destination. For example, the
registered performance between two LEs on the same row can be
calculated by adding the following parameters:
■
LE register clock-to-output delay (tCO)
■
Interconnect delay (tSAMEROW)
■
LE look-up table delay (tLUT)
■
LE register setup time (tSU)
The routing delay depends on the placement of the source and destination
LEs. A more complex registered path may involve multiple combinatorial
LEs between the source and destination LEs.
VCCINT = 3.3 V
VCCIO = 3.3 V
Room Temperature
VCCINT = 3.3 V
VCCIO = 2.5 V
Room Temperature
VO Output Voltage (V)
1234
VO Output Voltage (V)
1234
10
20
30
50
40
10
20
30
50
40
IOL
IOH
IOL
IOH
Typical IO
Output
Current (mA)
Typical IO
Output
Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com