Electronic Components Datasheet Search
  English  ▼

X  

FLEX10KA Datasheet(PDF) 64 Page - Altera Corporation

Part # FLEX10KA
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KA Datasheet(HTML) 64 Page - Altera Corporation

Back Button FLEX10KA Datasheet HTML 60Page - Altera Corporation FLEX10KA Datasheet HTML 61Page - Altera Corporation FLEX10KA Datasheet HTML 62Page - Altera Corporation FLEX10KA Datasheet HTML 63Page - Altera Corporation FLEX10KA Datasheet HTML 64Page - Altera Corporation FLEX10KA Datasheet HTML 65Page - Altera Corporation FLEX10KA Datasheet HTML 66Page - Altera Corporation FLEX10KA Datasheet HTML 67Page - Altera Corporation FLEX10KA Datasheet HTML 68Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 128 page
background image
64
Altera Corporation
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Notes to tables:
(1)
Microparameters are timing delays contributed by individual architectural elements. These parameters cannot be
measured explicitly.
(2)
Operating conditions: VCCIO = 5.0 V ± 5% for commercial use in FLEX 10K devices.
VCCIO = 5.0 V ± 10% for industrial use in FLEX 10K devices.
VCCIO = 3.3 V ± 10% for commercial or industrial use in FLEX 10KA devices.
(3)
Operating conditions: VCCIO = 3.3 V ± 10% for commercial or industrial use in FLEX 10K devices.
VCCIO = 2.5 V ± 0.2 V for commercial or industrial use in FLEX 10KA devices.
(4)
Operating conditions: VCCIO = 2.5 V, 3.3 V, or 5.0 V.
(5)
Because the RAM in the EAB is self-timed, this parameter can be ignored when the WE signal is registered.
(6)
EAB macroparameters are internal parameters that can simplify predicting the behavior of an EAB at its boundary;
these parameters are calculated by summing selected microparameters.
(7)
These parameters are worst-case values for typical applications. Post-compilation timing simulation and timing
analysis are required to determine actual worst-case performance.
(8)
External reference timing parameters are factory-tested, worst-case values specified by Altera. A representative
subset of signal paths is tested to approximate typical device applications.
(9)
Contact Altera Applications for test circuit specifications and test conditions.
(10) These timing parameters are sample-tested only.
Figures 29 and 30 show the asynchronous and synchronous timing
waveforms, respectively, for the EAB macroparameters in Table 34.
Figure 29. EAB Asynchronous Timing Waveforms
EAB Asynchronous Write
EAB Asynchronous Read
WE
a0
d0
d3
tEABRCCOMB
a1
a2
a3
d2
tEABAA
d1
Address
Data-Out
WE
a0
din1
dout2
tEABDD
a1
a2
din1
din0
tEABWCCOMB
tEABWASU
tEABWAH
tEABWDH
tEABWDSU
tEABWP
din0
Data-In
Address
Data-Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com