Electronic Components Datasheet Search
  English  ▼

X  

FLEX10KA Datasheet(PDF) 37 Page - Altera Corporation

Part # FLEX10KA
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KA Datasheet(HTML) 37 Page - Altera Corporation

Back Button FLEX10KA Datasheet HTML 33Page - Altera Corporation FLEX10KA Datasheet HTML 34Page - Altera Corporation FLEX10KA Datasheet HTML 35Page - Altera Corporation FLEX10KA Datasheet HTML 36Page - Altera Corporation FLEX10KA Datasheet HTML 37Page - Altera Corporation FLEX10KA Datasheet HTML 38Page - Altera Corporation FLEX10KA Datasheet HTML 39Page - Altera Corporation FLEX10KA Datasheet HTML 40Page - Altera Corporation FLEX10KA Datasheet HTML 41Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 128 page
background image
Altera Corporation
37
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
ClockLock &
ClockBoost
Features
To support high-speed designs, selected FLEX 10K devices offer optional
ClockLock and ClockBoost circuitry containing a phase-locked loop (PLL)
that is used to increase design speed and reduce resource usage. The
ClockLock circuitry uses a synchronizing PLL that reduces the clock delay
and skew within a device. This reduction minimizes clock-to-output and
setup times while maintaining zero hold times. The ClockBoost circuitry,
which provides a clock multiplier, allows the designer to enhance device
area efficiency by sharing resources within the device. The ClockBoost
feature allows the designer to distribute a low-speed clock and multiply
that clock on-device. Combined, the ClockLock and ClockBoost features
provide significant improvements in system performance and
bandwidth.
The ClockLock and ClockBoost features in FLEX 10K devices are enabled
through the Altera software. External devices are not required to use these
features. The output of the ClockLock and ClockBoost circuits is not
available at any of the device pins.
The ClockLock and ClockBoost circuitry locks onto the rising edge of the
incoming clock. The circuit output can only drive the clock inputs of
registers; the generated clock cannot be gated or inverted.
The dedicated clock pin (GCLK1) supplies the clock to the ClockLock and
ClockBoost circuitry. When the dedicated clock pin is driving the
ClockLock or ClockBoost circuitry, it cannot drive elsewhere in the device.
In designs that require both a multiplied and non-multiplied clock, the
clock trace on the board can be connected to GCLK1. With the Altera
software, GCLK1 can feed both the ClockLock and ClockBoost circuitry in
the FLEX 10K device. However, when both circuits are used, the other
clock pin (GCLK0) cannot be used. Figure 17 shows a block diagram of
how to enable both the ClockLock and ClockBoost circuits in the Altera
software. The example shown is a schematic, but a similar approach
applies for designs created in AHDL, VHDL, and Verilog HDL. When the
ClockLock and ClockBoost circuits are used simultaneously, the input
frequency parameter must be the same for both circuits. In Figure 17, the
input frequency must meet the requirements specified when the
ClockBoost multiplication factor is two.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com