Electronic Components Datasheet Search
  English  ▼

X  

FLEX10KA Datasheet(PDF) 56 Page - Altera Corporation

Part # FLEX10KA
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KA Datasheet(HTML) 56 Page - Altera Corporation

Back Button FLEX10KA Datasheet HTML 52Page - Altera Corporation FLEX10KA Datasheet HTML 53Page - Altera Corporation FLEX10KA Datasheet HTML 54Page - Altera Corporation FLEX10KA Datasheet HTML 55Page - Altera Corporation FLEX10KA Datasheet HTML 56Page - Altera Corporation FLEX10KA Datasheet HTML 57Page - Altera Corporation FLEX10KA Datasheet HTML 58Page - Altera Corporation FLEX10KA Datasheet HTML 59Page - Altera Corporation FLEX10KA Datasheet HTML 60Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 128 page
background image
56
Altera Corporation
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Timing simulation and delay prediction are available with the
MAX+PLUS II Simulator and Timing Analyzer, or with industry-
standard EDA tools. The Simulator offers both pre-synthesis functional
simulation to evaluate logic design accuracy and post-synthesis timing
simulation with 0.1-ns resolution. The Timing Analyzer provides point-
to-point timing delay information, setup and hold time analysis, and
device-wide performance analysis.
Figure 24 shows the overall timing model, which maps the possible paths
to and from the various elements of the FLEX 10K device.
Figure 24. FLEX 10K Device Timing Model
Dedicated
Clock/Input
Interconnect
I/O Element
Logic
Element
Embedded Array
Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com