Electronic Components Datasheet Search
  English  ▼

X  

FT800 Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # FT800
Description  Embedded Video Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT800 Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button FT800 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 9Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 10Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 11Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 12Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 13Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 14Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
Copyright © 2013 Future Technology Devices International Limited
11
Document No.: FT_000792
FT800
Embedded Video Engine
Datasheet Version 1.1
Clearance No.: FTDI# 334
Continued
Pin
No.
Name
Type
Description
24
BACKLIGHT
O
LED Backlight brightness PWM control signal, push-pull
output, 4/8mA sink/source current.
Pad powered from pin VCC.
25
DE
O
LCD Data Enable, push-pull output, 4/8mA sink/source
current.
Pad powered from pin VCC.
26
VSYNC
O
LCD Vertical Sync, push-pull output, 4/8mA sink/source
current.
Pad powered from pin VCC.
27
HSYNC
O
LCD Horizontal Sync, push-pull output, 4/8mA
sink/source current.
Pad powered from pin VCC.
28
DISP
O
General purpose output pin for LCD Display Enable,
push-pull output, 4/8mA sink/source current. Control
by writing to Bit 7 of REG_GPIO register.
Pad powered from pin VCC.
29
PCLK
O
LCD Pixel Clock, push-pull output, 4/8mA sink/source
current.
Pad powered from pin VCC.
30
B7
O
Bit 7 of Blue RGB signals, push-pull output, 4/8mA
sink/source current.
Pad powered from pin VCC.
31
B6
O
Bit 6 of Blue RGB signals, push-pull output, 4/8mA
sink/source current.
Pad powered from pin VCC.
32
B5
O
Bit 5 of Blue RGB signals, push-pull output, 4/8mA
sink/source current.
Pad powered from pin VCC.
33
B4
O
Bit 4 of Blue RGB signals, push-pull output, 4/8mA
sink/source current.
Pad powered from pin VCC.
34
B3
O
Bit 3 of Blue RGB signals, push-pull output, 4/8mA
sink/source current.
Pad powered from pin VCC.
35
B2
O
Bit 2 of Blue RGB signals, push-pull output, 4/8mA
sink/source current.
Pad powered from pin VCC.
36
GND
P
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com