Electronic Components Datasheet Search
  English  ▼

X  

FT800 Datasheet(PDF) 32 Page - Future Technology Devices International Ltd.

Part # FT800
Description  Embedded Video Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT800 Datasheet(HTML) 32 Page - Future Technology Devices International Ltd.

Back Button FT800 Datasheet HTML 28Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 29Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 30Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 31Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 32Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 33Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 34Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 35Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 36Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
Copyright © 2013 Future Technology Devices International Limited
32
Document No.: FT_000792
FT800
Embedded Video Engine
Datasheet Version 1.1
Clearance No.: FTDI# 334
4.8.3 Power Modes
When supply to VCCIO and VCC is applied, internal 1.2V regulator is powered by VCC. An
internal POR pulse will be generated during the regulator power up until it is stable. After the
initial power up, the FT800 will stay in STANDBY state. When needed, host can set FT800 to
ACTIVE state by performing a dummy read to address 0. The graphics engine, the audio
engine and the touch engine are only functional in ACTIVE state. To save power host can send
command to put FT800 into any of the low power mode: STANDBY, SLEEP and POWERDOWN.
In addition, host is allowed to put FT800 in POWERDOWN mode by drive PD_N pin to low,
regardless what current state it is in. Refer to Error! Reference source not found.Figure 4-8
for the power state transitions.
Figure 4-8 Power State Transition
POWERDOWN
STANDBY
SLEEP
VCC/VCCIO
Power ON
Toggle PD_N from high
to low
ACTIVE
Toggle PD_N from low
to high
Toggle PD_N from high
to low
Toggle PD_N from high to low or
Write command “POWERDOWN”
Write command “SLEEP”
Write command
“STANDBY”
Dummy Read “0”
Dummy Read “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com