Electronic Components Datasheet Search
  English  ▼

X  

FT800 Datasheet(PDF) 37 Page - Future Technology Devices International Ltd.

Part # FT800
Description  Embedded Video Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT800 Datasheet(HTML) 37 Page - Future Technology Devices International Ltd.

Back Button FT800 Datasheet HTML 33Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 34Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 35Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 36Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 37Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 38Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 39Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 40Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 41Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
Copyright © 2013 Future Technology Devices International Limited
37
Document No.: FT_000792
FT800
Embedded Video Engine
Datasheet Version 1.1
Clearance No.: FTDI# 334
5.1 FT800 Registers
Table 5.1 shows the complete list of the FT800 registers. Refer to “FT800 Programmer
Guide” (FTDI Doc FT_000793) Chapter 2 for details of the register function.
Table 5-2 Overview of FT800 Registers
Address
Register Name
Bit
s
Acce
ss
Reset
value
Description
102400h REG_ID
8 r/o
7Ch Identification register, always reads as
7Ch
102404h
REG_FRAMES
32 r/o
00000000h Frame counter, since reset
102408h
REG_CLOCK
32 r/o
00000000h Clock cycles, since reset
10240Ch
REG_FREQUENCY
27 r/w
02DC6C00h Main clock frequency
102410h
REG_RENDERMODE
1 r/w
00h Rendering mode:
0 = normal, 1 = single-line
102414h
REG_SNAPY
9 r/w
00h Scan line select for RENDERMODE 1
102418h
REG_SNAPSHOT
1 r/o
- trigger for RENDERMODE 1
10241Ch
REG_CPURESET
1 r/w
00h Graphics, audio and touch engines
reset control
102420h
REG_TAP_CRC
32 r/o
- Live video tap crc. Frame CRC is
computed every DL SWAP.
102424h
REG_TAP_MASK
32 r/w
FFFFFFFFh Live video tap mask
102428h
REG_HCYCLE
10 r/w
224h Horizontal total cycle count
10242Ch
REG_HOFFSET
10 r/w
02Bh Horizontal display start offset
102430h
REG_HSIZE
10 r/w
1E0h Horizontal display pixel count
102434h
REG_HSYNC0
10 r/w
000h Horizontal sync fall offset
102438h
REG_HSYNC1
10 r/w
029h Horizontal sync rise offset
10243Ch
REG_VCYCLE
10 r/w
124h Vertical total cycle count
102440h
REG_VOFFSET
10 r/w
00Ch Vertical display start offset
102444h
REG_VSIZE
10 r/w
110h Vertical display line count
102448h
REG_VSYNC0
10 r/w
000h Vertical sync fall offset
10244Ch
REG_VSYNC1
10 r/w
00Ah Vertical sync rise offset
102450h
REG_DLSWAP
2 r/w
00h Display list swap control
102454h
REG_ROTATE
1 r/w
00h Screen 180 degree rotate
102458h
REG_OUTBITS
9 r/w
1B6h Output bit resolution, 3x3x3 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com