Electronic Components Datasheet Search
  English  ▼

X  

FT800 Datasheet(PDF) 25 Page - Future Technology Devices International Ltd.

Part # FT800
Description  Embedded Video Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT800 Datasheet(HTML) 25 Page - Future Technology Devices International Ltd.

Back Button FT800 Datasheet HTML 21Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 22Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 23Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 24Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 25Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 26Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 27Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 28Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 29Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
Copyright © 2013 Future Technology Devices International Limited
25
Document No.: FT_000792
FT800
Embedded Video Engine
Datasheet Version 1.1
Clearance No.: FTDI# 334
bits per colour in 6:6:6 formats and a 2X2 dither matrix allow the truncated bits to contribute
to the final colour values.
REG_OUTBITS gives the bit width of each colour channel, the default is 6, 6, 6 bits for each
RGB colour. A lower value means fewer bits are output for each channel allowing dithering on
lower precision LCD displays.
REG_SWIZZLE controls the arrangement of the output colour pins, to help the PCB route
different LCD panel arrangements. Bit 0 of the register causes the order of bits in each colour
channel to be reversed. Bits 1-3 control the RGB order. Setting Bit 1 causes R and B channels
to be swapped. Setting Bit 3 allows rotation to be enabled. If Bit 3 is set, then (R,G,B) is
rotated right if bit 2 is one, or left if bit 2 is zero.
Table 4-10 REG_SWIZZLE RGB Pins Mapping
REG_SWIZZLE
PINS
b3 b2 b1 b0 R7, R6, R5,
R4, R3, R2
G7, G6, G5,
G4, G3, G2
B7, B6, B5, B4,
B3, B2
0
X
0
0
R[7:2]
G[7:2]
B[7:2]
Power on Default
0
X
0
1
R[2:7]
G[2:7]
B[2:7]
0
X
1
0
B[7:2]
G[7:2]
R[7:2]
0
X
1
1
B[2:7]
G[2:7]
R[2:7]
1
0
0
0
G[7:2]
B[7:2]
R[7:2]
1
0
0
1
G[2:7]
B[2:7]
R[2:7]
1
0
1
0
G[7:2]
R[7:2]
B[7:2]
1
0
1
1
G[2:7]
R[2:7]
B[2:7]
1
1
0
0
B[7:2]
R[7:2]
G[7:2]
1
1
0
1
B[2:7]
R[2:7]
G[2:7]
1
1
1
0
R[7:2]
B[7:2]
G[7:2]
1
1
1
1
R[2:7]
B[2:7]
G[2:7]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com