Electronic Components Datasheet Search
  English  ▼

X  

FT800 Datasheet(PDF) 19 Page - Future Technology Devices International Ltd.

Part # FT800
Description  Embedded Video Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT800 Datasheet(HTML) 19 Page - Future Technology Devices International Ltd.

Back Button FT800 Datasheet HTML 15Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 16Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 17Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 18Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 19Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 20Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 21Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 22Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 23Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 55 page
background image
Copyright © 2013 Future Technology Devices International Limited
19
Document No.: FT_000792
FT800
Embedded Video Engine
Datasheet Version 1.1
Clearance No.: FTDI# 334
When the FT800 is in sleep mode, a touch event detected on the touch-screen will drive the INT_N pin to
low regardless the setting of REG_INT_EN and REG_INT_MASK. The MCU can use this signal to serve as
a wakeup event.
Table 4-5 Interrupt Flags bit assignment
Bit
7
6
5
4
Interrupt Sources
CONVCOMPLETE
CMDFLAG
CMDEMPTY
PLAYBACK
Conditions
Touch-screen
conversions
completed
Command FIFO
flag
Command FIFO
empty
Audio playback
ended
Bit
3
2
1
0
Interrupt Sources
SOUND
TAG
TOUCH
SWAP
Conditions
Sound effect
ended
Touch-screen tag
value change
Touch-screen
touch detected
Display list swap
occurred
4.2 System Clock
4.2.1 Crystal Oscillator
(Please refer to table 4-4, host command. It is required to enable PLL from crystal or input
clock for normal operationError! Reference source not found.).
The FT800 crystal oscillator generates the input clock for system clock. Either a 12MHz crystal
or a 12MHz square wave clock can be used as clock source. Figure 4-4 and shows the pin
connections for these clock options.
Figure 4-4 Crystal oscillator connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com