Electronic Components Datasheet Search
  English  ▼

X  

FT800 Datasheet(PDF) 18 Page - Future Technology Devices International Ltd.

Part # FT800
Description  Embedded Video Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT800 Datasheet(HTML) 18 Page - Future Technology Devices International Ltd.

Back Button FT800 Datasheet HTML 14Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 15Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 16Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 17Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 18Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 19Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 20Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 21Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 22Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
Copyright © 2013 Future Technology Devices International Limited
18
Document No.: FT_000792
FT800
Embedded Video Engine
Datasheet Version 1.1
Clearance No.: FTDI# 334
Table 4-3 Host command transaction (SPI)
For I2C command transaction, bytes are packed in the I2C protocol as follows:
[start] <DEVICE ADDRESS + write bit>
<01b,Command[5:0]>
<00h>
<00h> [stop]
Table 4-4 Host Command Table
1st Byte
2nd byte
3rd byte
Command
Description
Power Modes
00000000b
00000000b
00000000b
00h
ACTIVE
Switch from Standby/Sleep modes to
active mode. Dummy read from address
0 generates ACTIVE command.
01000001b
00000000b
00000000b
41h
STANDBY
Put FT800 core to standby mode. Clock
gate off, PLL and Oscillator remain on
(default).
01000010b
00000000b
00000000b
42h
SLEEP
Put FT800 core to sleep mode. Clock
gate off, PLL and Oscillator off.
01010000b
00000000b
00000000b
50h
PWRDOWN
Switch off 1.2V internal regulator. Clock,
PLL and Oscillator off.
Clock Switching
01000100b
00000000b
00000000bN
A
44h
CLKEXT
Enable PLL input from Crystal oscillator
or external input clock.
01100010b
00000000b
00000000bN
A
62h
CLK48M
Switch PLL output clock to 48MHz
(default).
01100001b
00000000b
00000000b
61h
CLK36M
Switch PLL output clock to 36MHz.
Miscellaneous
01101000b
00000000b
00000000b
68h
CORERST
Send reset pulse to FT800 core. All
registers and state machines will be
reset.
NOTE: Any command code not specified is reserved and should not be used by the software
4.1.7 Interrupts
The interrupt output pin is enabled by REG_INT_EN. When REG_INT_EN is 0, INT_N is tri-state
(pulled to high by external pull-up resistor). When REG_INT_EN is 1, INT_N is driven low when
any of the interrupt flags in REG_INT_FLAGS are high, after masking with REG_INT_MASK.
Writing a ‘1’ in any bit of REG_INT_MASK will enable the correspond interrupt. Each bit in
REG_INT_FLAGS is set by a corresponding interrupt source. REG_INT_FLAGS is readable by
the host at any time, and clears when read.
7
6
5
4
3
2
1
0
0
1
Command [5:0]
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com