Electronic Components Datasheet Search
  English  ▼

X  

FT800 Datasheet(PDF) 30 Page - Future Technology Devices International Ltd.

Part # FT800
Description  Embedded Video Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT800 Datasheet(HTML) 30 Page - Future Technology Devices International Ltd.

Back Button FT800 Datasheet HTML 26Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 27Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 28Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 29Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 30Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 31Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 32Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 33Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 34Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
Copyright © 2013 Future Technology Devices International Limited
30
Document No.: FT_000792
FT800
Embedded Video Engine
Datasheet Version 1.1
Clearance No.: FTDI# 334
The host controls the TOUCH SCREEN ENGINE operation mode by writing the
REG_TOUCH_MODE.
Table 4-14 Touch Controller Operating Mode
REG_TOUCH_MODE
Mode
Description
0
OFF
Acquisition stopped, only touch detection interrupt is still valid.
1
ONE-SHOT
Perform acquisition once every time MPU write '1' to
REG_TOUCH_MODE.
2
FRAME-SYNC
Perform acquisition for every frame sync (~60 data
acquisition/second.
3
CONTINUOUS
Perform acquisition continuously at approximately 1000 data
acquisition / second.
The Touch Screen Engine captures the raw X and Y coordinate and writes to register
REG_TOUCH_RAW XY. The range of these values is 0-1023. If the touch screen is not being
pressed, both registers read 65535 (FFFFh).
These touch values are transformed into screen coordinates using the matrix in registers
REG_TOUCH_TRANSFORM_A-F. The post-transform coordinates are available in register
REG_TOUCH_SCREEN_XY. If the touch screen is not being pressed, both registers read -32768
(8000h). The values for REG TOUCH TRANSFORM A-F may be computed using an on-screen
calibration process.
If the screen is being touched, the screen coordinates are looked up in the screen's tag buffer,
delivering a final 8-bit tag value, in REG TOUCH TAG. Because the tag lookup takes a full
frame, and touch coordinates change continuously, the original (x; y) used for the tag lookup
is also available in REG_TOUCH_TAG_XY.
Screen touch pressure is available in REG_TOUCH_RZ. The value is relative to the resistance of
the touch contact, a lower value indicates more pressure. The register defaults to 32767 when
touch is not detected. The REG_TOUCH_THRESHOLD can be set to accept a touch only when
the force threshold is exceeded.
4.8 Power Management
4.8.1 Power supply
The FT800 may be operated with a single supply of 3.3V apply to VCC and VCCIO pins. For
operation with host MPU/MCU at lower supply, connect the VCCIO to MPU power to match the
interface power.
Table 4-15 Power supply
Symbol
Typical
Description
VCCIO
1.8V, or 2.5V, or 3.3V
Supply for Host interface digital I/O
pad only, LCD RGB interface supply
from VCC.
VCC
3.3V
Supply for chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com