Electronic Components Datasheet Search
  English  ▼

X  

FT800 Datasheet(PDF) 20 Page - Future Technology Devices International Ltd.

Part # FT800
Description  Embedded Video Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT800 Datasheet(HTML) 20 Page - Future Technology Devices International Ltd.

Back Button FT800 Datasheet HTML 16Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 17Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 18Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 19Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 20Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 21Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 22Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 23Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 24Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
Copyright © 2013 Future Technology Devices International Limited
20
Document No.: FT_000792
FT800
Embedded Video Engine
Datasheet Version 1.1
Clearance No.: FTDI# 334
Figure 4-5 External Clock Input
4.2.2 Phase Locked Loop
The internal PLL takes 12MHz input from the crystal oscillator. The PLL outputs clock to all
internal circuits, including graphics engine, audio engine and touch engine.
4.2.3 Clock Enable
Upon power on the FT800 enters standby mode. The system clock will be enabled when
following steps are executed:
-
Host sends an “ACTIVE” command (dummy read at address 0)
-
Host sends an “CLKEXT” command
-
Host writes to REG_PCLK with non-zero value (ie 5)
If SPI is used as host interface, the SPI clock shall not exceed 11MHz before system clock is
enabled. After system clock is properly enabled, the SPI clock is allowed to go up to 30MHz.
4.2.4 Clock Frequency
By default the system clock is 48MHz. Host is allowed to switch the system clock between
48MHz and 36MHz by the host command “CLK48MHz” and “CLK36MHz” respectively. The clock
switching is synchronised to VSYNC edge on the fly. This is to avoid possible graphics glitch
during clock switching. As a result, the clock switch will only take effect if the REG_PCLK is a
non-zero value.
4.3 Graphics Engine
4.3.1 Introduction
The graphics engine executes the display list once for every horizontal line. It executes the
primitive objects in the display list and constructs the display line buffer. The horizontal pixel
content in the line buffer is updated if the object is visible at the horizontal line.
Main features of the graphics engine are:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com