Electronic Components Datasheet Search
  English  ▼

X  

FT800 Datasheet(PDF) 46 Page - Future Technology Devices International Ltd.

Part # FT800
Description  Embedded Video Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT800 Datasheet(HTML) 46 Page - Future Technology Devices International Ltd.

Back Button FT800 Datasheet HTML 42Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 43Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 44Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 45Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 46Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 47Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 48Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 49Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 50Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
Copyright © 2013 Future Technology Devices International Limited
46
Document No.: FT_000792
FT800
Embedded Video Engine
Datasheet Version 1.1
Clearance No.: FTDI# 334
Table 6-9 SPI Interface Timing Specification
Parameter
Description
VCC(I/O)=1.8V
VCC(I/O)=2.5V
VCC(I/O)=3.3V
Unit
Min
Max
Min
Max
Min
Max
Tsclk
SPI clock period
60
-
40
-
33
-
ns
Tsclkl
SPI clock low
duration
25
-
16
-
13
-
ns
Tsclkh
SPI clock high
duration
25
-
16
-
13
-
ns
Tsac
SPI access time
16
-
16
-
16
-
ns
Tisu
Input Setup
12
-
11
-
11
-
ns
Tih
Input Hold
3
-
3
-
3
-
ns
Tzo
Output enable delay
0
30
0
20
0
16
ns
Toz
Output disable delay
0
30
0
20
0
16
ns
Tod
Output data delay
0
24
0
15
0
12
ns
Tcsnh
CSN hold time
0
-
0
-
0
-
ns
6.4.3 Host Interface I2C Mode Timing
Table 6-10 I2C Interface Timing
Parameter
Description
Standard-
mode
Fast-mode
Fast-plus
mode
High speed
mode
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Fscl
I2C SCL clock
frequency
0
100
0
400
0
1000
0
3400
kHz
Tscll
clock low period
4.7
-
1.3
-
0.5
-
0.16
-
µs
Tsclh
clock high period
4.0
-
0.6
-
0.26
-
0.06
-
µs
Tsu
Data setup time
250
-
100
-
50
-
10
-
ns
Thd
Data hold time
0
-
0
-
0
-
0
70
ns
Tr
Rise time
-
1000
-
300
-
120
10
40
ns
Tf
Fall time
-
300
-
300
-
120
10
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com