Electronic Components Datasheet Search
  English  ▼

X  

FT800 Datasheet(PDF) 53 Page - Future Technology Devices International Ltd.

Part # FT800
Description  Embedded Video Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT800 Datasheet(HTML) 53 Page - Future Technology Devices International Ltd.

Back Button FT800 Datasheet HTML 47Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 48Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 49Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 50Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 51Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 52Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 53Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 54Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 55Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 53 / 55 page
background image
Copyright © 2013 Future Technology Devices International Limited
53
Document No.: FT_000792
FT800
Embedded Video Engine
Datasheet Version 1.1
Clearance No.: FTDI# 334
Appendix A – References
Useful Application Notes
Appendix B - List of Figures and Tables
List of Figures
Figure 2-1 FT800 Block Diagram.....................................................................................................4
Figure 2-2 FT800 System Design Diagram .......................................................................................4
Figure 4-1 Host Interface Options ................................................................................................. 14
Figure 4-2 SPI Interface 1.8-3.3V connection ................................................................................. 15
Figure 4-3 SPI Interface 5V connection.......................................................................................... 15
Figure 4-4 Crstal oscillator connection ........................................................................................... 19
Figure 4-5 External Clock Input .................................................................................................... 20
Figure 4-6 Touch screen connection .............................................................................................. 29
Figure 4-7 1.2V regulator ............................................................................................................ 31
Figure 4-8 Power State Transition ................................................................................................. 32
Figure 6-1 SPI Interface Timing .................................................................................................... 45
Figure 6-2 RGB Video Signal Timing .............................................................................................. 48
Figure 7-1 FT800 Reference Design Schematic ............................................................................... 49
Figure 8-1 VQFN-48 Package Dimensions ...................................................................................... 50
Figure 8-2 FT800 Solder Reflow Profile .......................................................................................... 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com