Electronic Components Datasheet Search
  English  ▼

X  

FT800 Datasheet(PDF) 36 Page - Future Technology Devices International Ltd.

Part # FT800
Description  Embedded Video Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT800 Datasheet(HTML) 36 Page - Future Technology Devices International Ltd.

Back Button FT800 Datasheet HTML 32Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 33Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 34Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 35Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 36Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 37Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 38Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 39Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 40Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
Copyright © 2013 Future Technology Devices International Limited
36
Document No.: FT_000792
FT800
Embedded Video Engine
Datasheet Version 1.1
Clearance No.: FTDI# 334
5
FT800 Memory Map
All memory and registers in the FT800 core are memory mapped in 22-bits address space with
2-bits SPI/I2C command prefix. Prefix 0'b00 for read and 0'b10 for write to the address space,
0'b01 reserved for Host Commands and 0'b11 undefined. The following are the memory space
defined.
Table 5-1 FT800 Memory Map
Start
Address
End
Address
Size
NAME
Description
00 0000h
03 FFFFh
256 kB
RAM_G
Main graphics RAM
0C 0000h
0C 0003h
4 B
ROM_CHIPID
FT800 chip identification and revision
information:
Byte [0:1] Chip ID: “0800”
Byte [2:3] Version ID: “0100”
0B B23Ch
0F FFFBh
275 kB
ROM_FONT
Font table and bitmap
0F FFFCh
0F FFFFh
4 B
ROM_FONT_ADDR
Font table pointer address
10 0000h
10 1FFFh
8 kB
RAM_DL
Display List RAM
10 2000h
10 23FFh
1 kB
RAM_PAL
Palette RAM
10 2400h
10 257Fh
380 B
REG_*
Registers
10 8000 h
10 8FFFh
4 kB
RAM_CMD
Command Buffer
NOTE: The addresses beyond this table are reserved and shall not be read or written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com