Electronic Components Datasheet Search
  English  ▼

X  

FT800 Datasheet(PDF) 31 Page - Future Technology Devices International Ltd.

Part # FT800
Description  Embedded Video Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT800 Datasheet(HTML) 31 Page - Future Technology Devices International Ltd.

Back Button FT800 Datasheet HTML 27Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 28Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 29Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 30Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 31Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 32Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 33Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 34Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 35Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
Copyright © 2013 Future Technology Devices International Limited
31
Document No.: FT_000792
FT800
Embedded Video Engine
Datasheet Version 1.1
Clearance No.: FTDI# 334
4.8.2 Internal Regulator and POR
The 1.2V internal regulator provides power to the core circuit. The regulator is disabled when
device is in POWERDOWN state. Power down is activated either by the SCU command write or
by holding down the PD_N pin for at least 5mS to allow the 1.2V decoupling capacitor to
discharge fully. The regulator is enabled only by releasing the PD_N pin. A 47kΩ resistor is
recommended to pull the PD_N pin up to VCCIO, together with a 100nF capacitor to ground in
order to delay the 1.2V regulator powering up after the VCC and VCCIO are stable.
The 1.2V internal regulator requires a compensation capacitor to be stable. A typical design
puts a 4.7uF capacitor with ESR >0.5Ω is required between VCC1V2 to GND pins. Do not
connect any load to this pin.
The 1.2V regulator will generate Power-On-Reset (POR) pulse when the output voltage rises
above the POR threshold. The POR will reset all the core digital circuits.
It is possible to use PD_N pin as an asynchronous hardware reset input. Drive PD_N low for at
least 5ms and then drive it high will reset the FT800 chip.
Figure 4-7 1.2V regulator
VCC
PD_N
VCC1V2
VCC
GND
GND
GND
VCCIO
C
R
Cin
10uF
100nF
1.2V
GND
Ccomp
4.7uF
47k
FT800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com