Electronic Components Datasheet Search
  English  ▼

X  

FT800 Datasheet(PDF) 34 Page - Future Technology Devices International Ltd.

Part # FT800
Description  Embedded Video Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT800 Datasheet(HTML) 34 Page - Future Technology Devices International Ltd.

Back Button FT800 Datasheet HTML 30Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 31Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 32Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 33Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 34Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 35Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 36Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 37Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 38Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
Copyright © 2013 Future Technology Devices International Limited
34
Document No.: FT_000792
FT800
Embedded Video Engine
Datasheet Version 1.1
Clearance No.: FTDI# 334
4.8.3.6 Pin Status at Different Power States
The FT800 pin status depends on the power state of the chip. See the following table
for more details. At power transition from ACTIVE to STANDBY or ACTIVE to SLEEP, all
pins retain their previous status. The software needs to set AUDIO_L, BACKLIGHT and
PCLK to a known state before issuing power transition commands.
Table 4-16 Pin Status
Pin Name
Reset State
(VCC / VCCIO
ON)
Reset State
(VCC / VCCIO ON) Default
Output Drive Strength
Active/Standb
y/Sleep state
(VCC / VCCIO
ON)
Powerdown
state (VCC ON /
VCC1.2 OFF)
Hybrid Mode
(VCC OFF /
VCCIO ON)
AUDIO_L
Tristate Output
(hi-Z)
16mA
Output
Retain previous
state
SPI_SCLK/
I2C_SCL
Input (floating)
Input
Input (floating)
MISO/I2C
_SDA
Tristate Output
(hi-Z)
4mA
Input/Output
Tristate Output
(hi-Z)
MOSI/I2C
_SA0
Input (floating)
Input
Input (floating)
CS_N/I2C
_SA1
Input (floating)
Input
Input (floating)
GPIO0/I2C
_SA2
Input (floating)
Input/Output
Tristate Output
(hi-Z)
GPIO1
Tristate Output
(hi-Z)
4mA
Input/Output
Tristate Output
(hi-Z)
MODE
Input
Input
Input (floating)
INT_N
Open Drain
Output (hi-Z)
4mA
Open Drain
Output
Tristate Output
(hi-Z)
PD_N
Input
Input
Input (floating)
X1/CLK
Input (floating)
Crystal
Oscillator
Input CLK
Input
Note: If
applicable,
external clock on
X1/CLK pin
should be
removed
X2
Output (hi-Z)
Crystal
Oscillator
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com