Electronic Components Datasheet Search
  English  ▼

X  

FT800 Datasheet(PDF) 33 Page - Future Technology Devices International Ltd.

Part # FT800
Description  Embedded Video Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT800 Datasheet(HTML) 33 Page - Future Technology Devices International Ltd.

Back Button FT800 Datasheet HTML 29Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 30Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 31Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 32Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 33Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 34Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 35Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 36Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 37Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
Copyright © 2013 Future Technology Devices International Limited
33
Document No.: FT_000792
FT800
Embedded Video Engine
Datasheet Version 1.1
Clearance No.: FTDI# 334
4.8.3.1 ACTIVE state
In ACTIVE state, the FT800 is in normal operation. The crystal oscillator and PLL are
functioning. The system clock applied to the FT800 core engines is enabled.
4.8.3.2 STANDBY state
In STANDBY state, the crystal oscillator and PLL remain functioning; the system clock
applied to the FT800 core engines is disabled. All register contents are retained.
4.8.3.3 SLEEP state
In SLEEP state, the crystal oscillator, PLL and system clock applied to the FT800 core
engines are disabled. All register contents are retained.
4.8.3.4 POWERDOWN state
In POWERDOWN state, the internal 1.2V regulator supplying the core digital logic, the
crystal oscillator, the PLL and the system clock applied to the FT800 core is disabled. All
register contents are lost and reset to default when the chip is next switched on.
4.8.3.5 Wake up to ACTIVE from other power states
Wake up from POWERDOWN state requires the host to pull the PD_N pin down and
release, a low to high transition enables the 1.2V regulator. POR generated when 1.2V
is stable and FT800 will switch to STANDBY mode after internal oscillator and PLL are up
(maximum 20ms from PD_N rising edge). The clock enable sequence mentioned in
section 4.2.3 shall be executed to proper enable the system clock.
From SLEEP state, host MPU reads at memory address 0 to wake the FT800 into
ACTIVE state. Host needs to wait for at least 20ms before accessing any registers or
commands. This is to guarantee the crystal oscillator and PLL are up and stable.
From STANDBY state, host MPU reads at memory address 0 to wake the FT800 into ACTIVE state.
Host can immediately access any register or command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com