Electronic Components Datasheet Search
  English  ▼

X  

FT800 Datasheet(PDF) 40 Page - Future Technology Devices International Ltd.

Part # FT800
Description  Embedded Video Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT800 Datasheet(HTML) 40 Page - Future Technology Devices International Ltd.

Back Button FT800 Datasheet HTML 36Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 37Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 38Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 39Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 40Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 41Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 42Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 43Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 44Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
Copyright © 2013 Future Technology Devices International Limited
40
Document No.: FT_000792
FT800
Embedded Video Engine
Datasheet Version 1.1
Clearance No.: FTDI# 334
Address
Register Name
Bit
s
Acce
ss
Reset
value
Description
102520h
REG_TOUCH_TRANSFOR
M_B
32 r/w
00000000h Touch-screen transform coefficient
(s15.16)
102524h
REG_TOUCH_TRANSFOR
M_C
32 r/w
00000000h Touch-screen transform coefficient
(s15.16)
102528h
REG_TOUCH_TRANSFOR
M_D
32 r/w
00000000h Touch-screen transform coefficient
(s15.16)
10252Ch
REG_TOUCH_TRANSFOR
M_E
32 r/w
00010000h Touch-screen transform coefficient
(s15.16)
102530h
REG_TOUCH_TRANSFOR
M_F
32 r/w
00000000h Touch-screen transform coefficient
(s15.16)
102534h
–
102470h
Reserved
- -
- Reserved
102574h
REG_TOUCH_DIRECT_X
Y
32 r/o
- Touch screen direct (x-MSB16; y-
LSB16) conversions
102578h
REG_TOUCH_DIRECT_Z
1Z2
32 r/o
- Touch screen direct (z1-MSB16; z2-
LSB16) conversions
109000h
REG_TRACKER
32 r/w
00000000h Track register (Track value – MSB16;
Tag value - LSB8)
Note: All register addresses are 4-byte aligned. The value in “Bits” column refers to the number of valid
bits from bit 0 unless otherwise specified; other bits are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com