| Electronic Components Datasheet Search |
|
FT800 Datasheet(PDF) 29 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT800 Datasheet(HTML) 29 Page - Future Technology Devices International Ltd. |
|
29 / 55 page ![]() Copyright © 2013 Future Technology Devices International Limited 29 Document No.: FT_000792 FT800 Embedded Video Engine Datasheet Version 1.1 Clearance No.: FTDI# 334 4.6.2 Audio Playback The FT800 can play back recorded sound through its audio output. To do this, load the original sound data into the FT800’s RAM, and set registers to start the playback. The registers controlling audio playback are: REG_PLAYBACK_START: the start address of the audio data REG_PLAYBACK_LENGTH: the length of the audio data, in bytes REG_PLAYBACK_FREQ: the playback sampling frequency, in Hz REG_PLAYBACK_FORMAT: the playback format, one of LINEAR SAMPLES, uLAW SAMPLES, or ADPCM SAMPLES REG_PLAYBACK_LOOP: if zero, sample is played once. If one, sample is repeated indefinitely REG_PLAYBACK_PLAY: a write to this location triggers the start of audio playback, regardless of writing ‘0’ or ‘1’. Read back ‘1’ when playback is ongoing, and ‘0’ when playback finishes REG_VOL_PB: playback volume, 0-255 The mono audio format supported is 8-bits PCM, 8-bits uLAW and 4-bits IMA-ADPCM. For ADPCM_SAMPLES, each sample is 4 bits, so two samples are packed per byte, first sample is in bits 0-3 and the second is in bits 4-7. The current audio playback read pointer can be queried by reading the REG_PLAYBACK_READPTR. Using a large sample buffer, looping, and this read pointer, the host MPU/MCU can supply a continuous stream of audio. 4.7 Touch-Screen Engine The touch-screen consists of touch screen engine, ADC, Axis-switches, and ADC input multiplexer. The touch screen engine reads commands from the memory map register and generates the required control signals to the axis-switches and inputs mux and ADC. The ADC data are acquired and processed and update in the respective register for the MPU/MCU to read. Figure 4-6 Touch screen connection Y+ Y- X- X+ FT800 X+ Y+ X- Y- LCD Touch Screen |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |