Electronic Components Datasheet Search
  English  ▼

X  

FT800 Datasheet(PDF) 24 Page - Future Technology Devices International Ltd.

Part # FT800
Description  Embedded Video Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT800 Datasheet(HTML) 24 Page - Future Technology Devices International Ltd.

Back Button FT800 Datasheet HTML 20Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 21Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 22Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 23Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 24Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 25Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 26Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 27Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 28Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
Copyright © 2013 Future Technology Devices International Limited
24
Document No.: FT_000792
FT800
Embedded Video Engine
Datasheet Version 1.1
Clearance No.: FTDI# 334
Font Index
16 17 18
19 20 21 22 23 24 25 26 27 28 29 30 31
95
_
8
8
8
8
6
8
9
11
14
18
4
8
10
11
15
20
96
`
8
8
8
8
3
5
6
4
7
11
8
5
7
8
10
13
97
a
8
8
8
8
5
8
9
11
13
18
8
9
12
13
17
23
98
b
8
8
8
8
6
7
9
11
14
18
7
10
12
14
18
24
99
c
8
8
8
8
5
7
8
10
12
16
8
9
11
13
16
22
100
d
8
8
8
8
6
8
9
11
14
18
7
10
12
14
18
24
101
e
8
8
8
8
5
8
9
10
13
18
5
9
11
13
16
22
102
f
8
8
8
8
4
4
5
6
8
9
8
6
8
9
11
15
103
g
8
8
8
8
6
8
9
11
14
18
8
10
12
14
18
24
104
h
8
8
8
8
6
8
9
10
13
18
4
10
12
14
18
24
105
i
8
8
8
8
2
3
3
4
6
7
4
4
5
6
8
11
106
j
8
8
8
8
2
3
4
4
6
7
8
4
5
6
8
11
107
k
8
8
8
8
5
7
8
9
12
16
4
9
11
13
16
22
108
l
8
8
8
8
2
3
3
4
6
7
12
4
5
6
8
11
109
m
8
8
8
8
8
11
14
16
20
27
8
15
18
21
27
37
110
n
8
8
8
8
6
8
9
10
14
18
8
10
12
14
18
24
111
o
8
8
8
8
6
8
9
11
13
18
8
10
12
14
18
24
112
p
8
8
8
8
6
8
9
11
14
18
8
10
12
14
18
24
113
q
8
8
8
8
6
8
9
11
14
18
5
10
12
14
18
24
114
r
8
8
8
8
4
5
5
6
9
11
7
6
7
8
11
15
115
s
8
8
8
8
5
7
8
9
12
16
5
9
11
13
16
22
116
t
8
8
8
8
4
4
5
6
8
9
8
6
7
8
10
13
117
u
8
8
8
8
5
7
9
10
14
18
7
10
12
14
18
24
118
v
8
8
8
8
6
7
8
10
13
16
11
9
11
12
16
21
119
w
8
8
8
8
8
10
12
14
18
23
7
13
16
18
23
32
120
x
8
8
8
8
6
7
8
10
12
16
7
9
11
12
16
21
121
y
8
8
8
8
5
7
8
10
13
16
7
9
11
12
16
21
122
z
8
8
8
8
5
7
8
9
12
16
5
9
11
12
16
21
123
{
8
8
8
8
3
5
6
6
8
11
3
6
7
8
11
14
124
|
8
8
8
8
3
3
4
5
6
9
5
4
5
6
8
10
125
}
8
8
8
8
3
5
6
6
8
11
10
6
7
8
11
14
126
~
8
8
8
8
7
8
10
10
14
19
3
12
14
16
21
29
127 DEL
8
8
8
8
0
0
0
0
0
0
2
4
5
6
8
10
4.4 Parallel RGB Interface
The RGB parallel interface consists of 23 signals - DISP, PCLK, VSYNC, HSYNC, DE, 6 signals
each for R, G and B.
Several registers configure the LCD operation of these signals as follow:
REG_PCLK is the PCLK divisor the default is 0, and disables the PCLK output.
PCLK frequency = System Clock frequency / REG_PCLK
PCLK_POL define the clock polarity, =0 for positive active clock edge, and 1 for negative clock
edge.
REG_CSPREAD controls the transition of RGB signals with respect to PCLK active clock edge.
When REG_CSPREAD=0, R[7:2],G[7:2] and B[7:2] signals change following the active edge of
PCLK. When REG_CSPREAD=1, R[7:2] changes a PCLK clock early and B[7:2] a PCLK clock
later, which helps reduce the switching noise.
REG_DITHER enables colour dither; the default is enabled. This option improves the half-tone
appearance on displays. Internally, the graphics engine computes the colour values at an 8 bit
precision; however, the LCD colour at a lower precision is sufficient. The FT800 output is only 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com