Electronic Components Datasheet Search
  English  ▼

X  

FT800 Datasheet(PDF) 47 Page - Future Technology Devices International Ltd.

Part # FT800
Description  Embedded Video Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT800 Datasheet(HTML) 47 Page - Future Technology Devices International Ltd.

Back Button FT800 Datasheet HTML 43Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 44Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 45Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 46Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 47Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 48Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 49Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 50Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 51Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 55 page
background image
Copyright © 2013 Future Technology Devices International Limited
47
Document No.: FT_000792
FT800
Embedded Video Engine
Datasheet Version 1.1
Clearance No.: FTDI# 334
6.4.4 RGB Video Timing
Table 6-11 RGB Video timing characteristics
Parameter
Description
VCC=3.3V
Unit
Min
Typ
Max
Tpclk
Pixel Clock period
78
104
-
ns
Tpclkdc
Pixel Clock duty cycle
40
-
60
%
Thc
Hsync to Clock
30
-
-
ns
Thwh
HSYNC width
(REG_HSYNC1-REG_HSYNC0)
1
41
-
Tpclk
Tvwh
VSYNC width
(REG_VSYNC1-REG_VSYNC0)
1
10
-
Th
Th
HSYNC Cycle
(REG_HCYCLE)
-
525
-
Tpclk
Tvsu
VSYNC setup
30
-
-
ns
Tvhd
VSYNC hold
10
-
-
ns
Thsu
HSYNC setup
30
-
-
ns
Thhd
HSYNC hold
10
-
-
ns
Tdsu
DATA setup
20
-
-
ns
Tdhd
DATA hold
10
-
-
ns
Tesu
DE setup
30
-
-
ns
Tehd
DE hold
10
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com