Electronic Components Datasheet Search
  English  ▼

X  

EP3SL200 Datasheet(PDF) 56 Page - Altera Corporation

Part # EP3SL200
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL200 Datasheet(HTML) 56 Page - Altera Corporation

Back Button EP3SL200 Datasheet HTML 52Page - Altera Corporation EP3SL200 Datasheet HTML 53Page - Altera Corporation EP3SL200 Datasheet HTML 54Page - Altera Corporation EP3SL200 Datasheet HTML 55Page - Altera Corporation EP3SL200 Datasheet HTML 56Page - Altera Corporation EP3SL200 Datasheet HTML 57Page - Altera Corporation EP3SL200 Datasheet HTML 58Page - Altera Corporation EP3SL200 Datasheet HTML 59Page - Altera Corporation EP3SL200 Datasheet HTML 60Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 341 page
background image
1–46
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.8 V
2mA
GCLK
t
co
3.359
3.347
4.782
5.197
5.726
5.608
5.810
5.197
5.726
5.608
5.810
ns
GCLK
PLL
tco
3.715
3.715
5.304
5.759
6.336
6.193
6.460
5.759
6.336
6.193
6.460
ns
4mA
GCLK
t
co
3.178
3.166
4.503
4.888
5.379
5.262
5.461
4.888
5.379
5.262
5.461
ns
GCLK
PLL
t
co
3.534
3.534
5.025
5.450
5.989
5.847
6.112
5.450
5.989
5.847
6.112
ns
6mA
GCLK
t
co
3.096
3.084
4.396
4.773
5.268
5.150
5.352
4.773
5.268
5.150
5.352
ns
GCLK
PLL
t
co
3.452
3.452
4.918
5.335
5.878
5.735
6.002
5.335
5.878
5.735
6.002
ns
8mA
GCLK
t
co
3.076
3.064
4.337
4.719
5.202
5.084
5.286
4.719
5.202
5.084
5.286
ns
GCLK
PLL
t
co
3.432
3.432
4.860
5.281
5.812
5.669
5.936
5.281
5.812
5.669
5.936
ns
10mA
GCLK
t
co
3.013
3.001
4.276
4.644
5.121
5.003
5.205
4.644
5.121
5.003
5.205
ns
GCLK
PLL
t
co
3.369
3.369
4.799
5.206
5.731
5.588
5.855
5.206
5.731
5.588
5.855
ns
12mA
GCLK
tco
2.995
2.983
4.256
4.623
5.098
4.980
5.182
4.623
5.098
4.980
5.182
ns
GCLK
PLL
t
co
3.351
3.351
4.778
5.185
5.708
5.565
5.832
5.185
5.708
5.565
5.832
ns
1.5 V
2mA
GCLK
tco
3.305
3.293
4.710
5.129
5.664
5.546
5.748
5.129
5.664
5.546
5.748
ns
GCLK
PLL
t
co
3.661
3.661
5.233
5.691
6.274
6.131
6.398
5.691
6.274
6.131
6.398
ns
4mA
GCLK
t
co
3.093
3.081
4.391
4.773
5.272
5.154
5.356
4.773
5.272
5.154
5.356
ns
GCLK
PLL
t
co
3.449
3.449
4.914
5.335
5.882
5.739
6.006
5.335
5.882
5.739
6.006
ns
6mA
GCLK
t
co
3.068
3.056
4.324
4.713
5.205
5.087
5.289
4.713
5.205
5.087
5.289
ns
GCLK
PLL
t
co
3.424
3.424
4.847
5.275
5.815
5.672
5.939
5.275
5.815
5.672
5.939
ns
8mA
GCLK
t
co
3.057
3.045
4.307
4.688
5.185
5.067
5.269
4.688
5.185
5.067
5.269
ns
GCLK
PLL
t
co
3.413
3.413
4.830
5.250
5.795
5.652
5.919
5.250
5.795
5.652
5.919
ns
10mA
GCLK
t
co
3.002
2.990
4.269
4.637
5.115
4.997
5.199
4.637
5.115
4.997
5.199
ns
GCLK
PLL
tco
3.358
3.358
4.792
5.199
5.725
5.582
5.849
5.199
5.725
5.582
5.849
ns
12mA
GCLK
t
co
2.997
2.985
4.253
4.626
5.104
4.986
5.188
4.626
5.104
4.986
5.188
ns
GCLK
PLL
tco
3.353
3.353
4.775
5.188
5.714
5.571
5.838
5.188
5.714
5.571
5.838
ns
Table 1–43. EP3SL50 Column Pins output Timing Parameters (Part 3 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com