Electronic Components Datasheet Search
  English  ▼

X  

EP3SL200 Datasheet(PDF) 22 Page - Altera Corporation

Part # EP3SL200
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL200 Datasheet(HTML) 22 Page - Altera Corporation

Back Button EP3SL200 Datasheet HTML 18Page - Altera Corporation EP3SL200 Datasheet HTML 19Page - Altera Corporation EP3SL200 Datasheet HTML 20Page - Altera Corporation EP3SL200 Datasheet HTML 21Page - Altera Corporation EP3SL200 Datasheet HTML 22Page - Altera Corporation EP3SL200 Datasheet HTML 23Page - Altera Corporation EP3SL200 Datasheet HTML 24Page - Altera Corporation EP3SL200 Datasheet HTML 25Page - Altera Corporation EP3SL200 Datasheet HTML 26Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 341 page
background image
1–12
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
Electrical Characteristics
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Power Consumption
Altera offers two ways to estimate power for a design: the Excel-based Early Power
Estimator (EPE) and the QuartusII PowerPlay Power Analyzer feature.
The interactive Excel-based Early Power Estimator is typically used prior to designing
the FPGA in order to get a magnitude estimate of the device power. The Quartus II
PowerPlay Power Analyzer
provides estimation based on the specifics of the design
after place-and-route is complete. The PowerPlay Power Analyzer can apply a
combination of user-entered, simulation-derived, and estimated signal activities
which, when combined with detailed circuit models, can yield very accurate power
estimation.
Refer to Table 1–4 on page 1–5 for supply current estimates for VCCPGM and VCC_CLKIN.
Use the EPE and PowerPlay Power Analyzer for current estimates of remaining
power supplies.
f For more information about power estimation tools, refer to the PowerPlay Early Power
Estimator User Guide For Stratix III FPGAs and the PowerPlay Power Analysis chapter in
the Quartus II Handbook.
2.5 V LVDS
(Column I/O)
2.375
2.5
2.625
0.1
V
CM = 1.25
—
0.05
(6)
D
max 700
Mbps
1.8
(6)
0.247
—
0.6
1.0
1.25
1.5
2.375
2.5
2.625
0.1
V
CM = 1.25
—
1.05
(6)
D
max > 700
Mbps
1.55
(6)
0.247
—
0.6
1.0
1.25
1.5
RSDS
(Row I/O)
2.375
2.5
2.625
0.1
V
CM = 1.25
—
0.3
—
1.4
0.1
0.2
0.6
0.5
1.2
1.4
RSDS
(Column I/O)
2.375
2.5
2.625
0.1
V
CM = 1.25
—
0.3
—
1.4
0.1
0.2
0.6
0.5
1.2
1.5
Mini-LVDS
(Row I/O)
2.375
2.5
2.625
0.2
—
0.6
0.4
—
1.325
0.25
—
0.6
0.5
1.2
1.4
Mini-LVDS
(Column I/0)
2.375
2.5
2.625
0.2
—
0.6
0.4
—
1.325
0.25
—
0.6
0.5
1.2
1.5
LVPECL
(3)
2.375
(5)
2.5
(5)
2.625
(5)
0.3
—
—
0.6
D
max 700
Mbps
1.8
(4)
——
—
—
—
—
2.375
(5)
2.5
(5)
2.625
(5)
0.3
—
—
1.0
D
max > 700
Mbps
1.6
(4)
——
—
—
—
—
Notes to Table 1–18:
(1) The minimum V
ID value is applicable over the entire common mode range, VCM.
(2) RL range: 90
RL  110 .
(3) Column and row I/O banks support LVPECL I/O standards for input operation only on dedicated clock input pins. Differential clock inputs in column I/O use
VCC_CLKIN that must be powered by 2.5 V. Differential clock inputs in row I/O banks are powered by VCCPD.
(4) The receiver voltage input range for the data rate when Dmax > 700 Mbps is 0.85 V VIN 1.75 V.
The receiver voltage input range for the data rate when Dmax 700 Mbps is 0.45 V VIN 1.95 V.
(5) Power supply for the column I/O LVPECL differential clock input buffer is V
CC_CLKIN.
(6) The receiver voltage input range for the data rate when Dmax > 700 Mbps is 1.0 V VIN 1.6 V.
The receiver voltage input range for the data rate when Dmax 700 Mbps is zero V VIN 1.85 V.
Table 1–18. Differential I/O Standard Specifications (Part 2 of 2)
I/O
Standard
V
CCIO (V)
V
ID (V) (1)
V
ICM(DC) (V)
V
OD (V) (2)
V
OCM (V) (2)
Min
Typ
Max
Min
Condition
Max
Min
Condition
Max
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com