Electronic Components Datasheet Search
  English  ▼

X  

EP3SL200 Datasheet(PDF) 31 Page - Altera Corporation

Part # EP3SL200
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL200 Datasheet(HTML) 31 Page - Altera Corporation

Back Button EP3SL200 Datasheet HTML 27Page - Altera Corporation EP3SL200 Datasheet HTML 28Page - Altera Corporation EP3SL200 Datasheet HTML 29Page - Altera Corporation EP3SL200 Datasheet HTML 30Page - Altera Corporation EP3SL200 Datasheet HTML 31Page - Altera Corporation EP3SL200 Datasheet HTML 32Page - Altera Corporation EP3SL200 Datasheet HTML 33Page - Altera Corporation EP3SL200 Datasheet HTML 34Page - Altera Corporation EP3SL200 Datasheet HTML 35Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–21
Switching Characteristics
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Periphery Performance
This section describes periphery performance, including high-speed I/O and external
memory interface.
I/O performance supports several system interfacing, such as the LVDS high-speed
I/O interface, external memory interface, and the PCI/PCI-X bus interface. For
example, Stratix III devices I/O configured with voltage referenced I/O standards can
achieve up to the stated system interfacing speed as indicated in “External Memory
Interface Specifications” on page 1–25. General-purpose I/O standards such as 3.3,
3.0, 2.5, 1.8, or 1.5 LVTTL/LVCMOS are capable of typical 167 MHz and 1.2 LVCMOS
at 100MHz interfacing frequency with 10pF load.
1 Actual achievable frequency depends on design- and system-specific factors. You
must perform HSPICE/IBIS simulations based on your specific design and system
setup to determine the maximum achievable frequency in your system.
High-Speed I/O Specifications
Refer to the “Glossary” on page 1–326 for the definitions of the high-speed timing
specifications.
Table 1–25 lists the true and emulated LVDS specifications for Stratix III devices.
Table 1–25. True and Emulated LVDS Specifications for Stratix III Devices (Note 1), (2) (Part 1 of 3)
Symbol
Conditions
C2
C3, I3
C4, I4
C4L, I4L
f
HSCLK_in
(input clock
frequency)—True
Differential I/O
Standards
Clock boost
factor W = 1 to 40
(3)
5
—
800
5
—
717
5
—
717
5
—
717
MHz
f
HSCLK_in
(input clock
frequency)—Single
Ended I/O
Standards (9)
Clock boost
factor W = 1 to 40
(3)
5
—
800
5
—
717
5
—
717
5
—
717
MHz
f
HSCLK_out
(output clock
frequency)
—
5
—
800 (7)
5
—
717 (7)
5
—
717 (7)
5
—
717 (7)
MHz
Transmitter
fHSDR (data rate)
SERDES factor
J = 3 to 10 (8)
(4)
—
1600
(4)
—
1250
(4)
—
1250
(4)
—
1250
Mbps
SERDES factor
J = 2, Uses
DDR Register
(4)
—
(4)
(4)
—
(4)
(4)
—
(4)
(4)
—
(4)
Mbps
SERDES factor
J = 1, Uses SDR
Register
(4)
—
(4)
(4)
—
(4)
(4)
—
(4)
(4)
—
(4)
Mbps
LVDS_E_3R -fHSDR
(data rate)
SERDES factor
J = 4 to 10
(4)
—
1100
(4)
—
1100
(4)
—800
(4)
—
800
Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com