Electronic Components Datasheet Search
  English  ▼

X  

EP3SL200 Datasheet(PDF) 28 Page - Altera Corporation

Part # EP3SL200
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL200 Datasheet(HTML) 28 Page - Altera Corporation

Back Button EP3SL200 Datasheet HTML 24Page - Altera Corporation EP3SL200 Datasheet HTML 25Page - Altera Corporation EP3SL200 Datasheet HTML 26Page - Altera Corporation EP3SL200 Datasheet HTML 27Page - Altera Corporation EP3SL200 Datasheet HTML 28Page - Altera Corporation EP3SL200 Datasheet HTML 29Page - Altera Corporation EP3SL200 Datasheet HTML 30Page - Altera Corporation EP3SL200 Datasheet HTML 31Page - Altera Corporation EP3SL200 Datasheet HTML 32Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 341 page
background image
1–18
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
Switching Characteristics
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
TriMatrix Memory Block Specifications
Table 1–22 lists the Stratix III TriMatrix Memory Block specifications.
Table 1–22. TriMatrix Memory Block Performance Specifications for Stratix III Devices (Note 1) (Part 1 of 3)
Memory
Block
Type
Mode
ALUTs
TriMatrix
Memory
C2 (6)
C3
C4
C4L
I3
I4
I4L
Unit
V
CCL =
1.1 V
V
CCL =
1.1 V
V
CCL =
1.1 V
V
CCL =
1.1 V
V
CCL =
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
MLAB
Single port 16 × 10
0
1
600
500
450
450
340
475
450
320
MHz
Simple dual-port 16
20
0
1
600
500
450
450
340
475
450
320
MHz
ROM 64 × 10
0
1
600
500
450
450
370
475
450
350
MHz
ROM 32 × 20
0
1
600
500
450
450
340
475
450
320
MHz
M9K (2)
Single-port 8K × 1
0
1
550
465
390
390
245
440
390
230
MHz
Single-port 4K × 2 or 2K × 4
0
1
575
485
405
405
255
460
405
230
MHz
Single-port 1K × 9, 512 × 18, or
256×36
0
1
565
475
395
395
245
450
395
220
MHz
Simple dual-port, 8K × 1
0
1
545
460
385
385
240
435
385
225
MHz
Simple dual-port, 4K × 2 or 2K × 4
0
1
570
480
400
400
250
455
400
225
MHz
Simple dual-port, 1K × 9, 512 × 18,
or 256 × 36
0
1
565
475
395
395
245
450
395
220
MHz
Simple dual-port, 8K × 1, 4K × 2 or
2K × 4 with
read-during-write option set to Old
Data
0
1
375
312
265
265
205
295
265
185
MHz
Simple dual-port, 1K × 9, 512 × 18,
256 × 36 with read-during-write
option set to Old Data
0
1
375
312
265
265
200
295
265
180
MHz
True dual-port, 8K × 1
0
1
530
440
370
370
230
420
370
215
MHz
True dual-port, 4K × 2 or 2K × 4
0
1
550
460
385
385
240
435
385
215
MHz
True dual-port, 1K × 9 or 512 × 18
0
1
545
460
380
380
235
435
380
210
MHz
True dual-port, 8K × 1, 4K × 2, or
2K × 4 with
read-during-write option set to Old
Data
0
1
350
295
245
245
175
280
245
160
MHz
True dual-port, 1K × 9 or 512 × 18
with
read-during-write option set to Old
Data
0
1
340
285
240
240
165
270
240
150
MHz
ROM 1P, 8K × 1, 4K × 2, or 2K × 4
0
1
580
485
405
405
260
460
405
235
MHz
ROM 1P, 1K × 9, 512 × 18, or
256×36
0
1
575
485
405
405
255
460
405
230
MHz
ROM 2P, 8K × 1, 4K × 2, or 2K × 4
0
1
580
485
405
405
265
460
405
240
MHz
ROM 2P, 1K × 9, or 512 × 18
0
1
575
485
405
405
260
460
405
235
MHz
Min Pulse Width (Clock High Time)
—
—
800
1000
1100
1100
1800
1000
1100
1800
ps
Min Pulse Width (Clock Low Time)
—
—
500
625
690
690
1100
625
690
1100
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com