Electronic Components Datasheet Search
  English  ▼

X  

EP3SL200 Datasheet(PDF) 74 Page - Altera Corporation

Part # EP3SL200
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL200 Datasheet(HTML) 74 Page - Altera Corporation

Back Button EP3SL200 Datasheet HTML 70Page - Altera Corporation EP3SL200 Datasheet HTML 71Page - Altera Corporation EP3SL200 Datasheet HTML 72Page - Altera Corporation EP3SL200 Datasheet HTML 73Page - Altera Corporation EP3SL200 Datasheet HTML 74Page - Altera Corporation EP3SL200 Datasheet HTML 75Page - Altera Corporation EP3SL200 Datasheet HTML 76Page - Altera Corporation EP3SL200 Datasheet HTML 77Page - Altera Corporation EP3SL200 Datasheet HTML 78Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 341 page
background image
1–64
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
DIFFERENTIAL
1.8-V
HSTL CLASS II
16mA
GCLK
tco
2.668
2.842
3.979
4.346
4.821
4.685
4.892
4.453
4.930 4.795
4.940
ns
GCLK
PLL
t
co
3.062
3.288
4.646
5.055
5.575
5.431
5.630
5.186
5.709 5.565
5.694
ns
DIFFERENTIAL
1.5-V
SSTL CLASS I
4mA
GCLK
tco
3.044
3.278
4.684
5.101
5.629
5.485
5.684
5.237
5.770 5.626
5.755
ns
GCLK
PLL
t
co
3.098
3.331
4.730
5.145
5.672
5.528
5.727
5.280
5.809 5.665
5.794
ns
DIFFERENTIAL
1.5-V
SSTL CLASS I
6mA
GCLK
t
co
3.084
3.317
4.717
5.132
5.659
5.515
5.714
5.266
5.796 5.652
5.781
ns
GCLK
PLL
t
co
3.080
3.313
4.715
5.132
5.660
5.516
5.715
5.266
5.798 5.654
5.783
ns
DIFFERENTIAL
1.5-V
SSTL CLASS I
8mA
GCLK
t
co
3.096
3.328
4.716
5.129
5.654
5.510
5.709
5.263
5.791 5.647
5.776
ns
GCLK
PLL
t
co
3.085
3.318
4.712
5.125
5.651
5.507
5.706
5.260
5.788 5.644
5.773
ns
DIFFERENTIAL
1.8-V
SSTL CLASS I
4mA
GCLK
t
co
3.082
3.315
4.710
5.123
5.649
5.505
5.704
5.258
5.787 5.643
5.772
ns
GCLK
PLL
t
co
3.093
3.325
4.711
5.124
5.648
5.504
5.703
5.257
5.785 5.641
5.770
ns
DIFFERENTIAL
1.8-V
SSTL CLASS I
6mA
GCLK
t
co
3.083
3.316
4.709
5.122
5.647
5.503
5.702
5.257
5.785 5.641
5.770
ns
GCLK
PLL
tco
3.069
3.302
4.694
5.107
5.633
5.489
5.688
5.242
5.770 5.626
5.755
ns
DIFFERENTIAL
1.8-V
SSTL CLASS I
8mA
GCLK
t
co
3.066
3.298
4.690
5.103
5.629
5.485
5.684
5.238
5.766 5.622
5.751
ns
GCLK
PLL
tco
3.063
3.296
4.691
5.106
5.632
5.488
5.687
5.241
5.770 5.626
5.755
ns
DIFFERENTIAL
1.8-V
SSTL CLASS I
10mA
GCLK
t
co
3.064
3.296
4.681
5.094
5.619
5.475
5.674
5.228
5.756 5.612
5.741
ns
GCLK
PLL
t
co
3.113
3.349
4.752
5.167
5.695
5.551
5.750
5.302
5.832 5.688
5.817
ns
DIFFERENTIAL
1.8-V
SSTL CLASS I
12mA
GCLK
t
co
3.089
3.325
4.734
5.150
5.678
5.534
5.733
5.285
5.817 5.673
5.802
ns
GCLK
PLL
t
co
3.071
3.306
4.712
5.128
5.656
5.512
5.711
5.263
5.795 5.651
5.780
ns
DIFFERENTIAL
1.8-V
SSTL CLASS II
8mA
GCLK
t
co
3.117
3.352
4.752
5.167
5.694
5.550
5.749
5.302
5.832 5.688
5.817
ns
GCLK
PLL
t
co
3.102
3.337
4.738
5.152
5.679
5.535
5.734
5.287
5.817 5.673
5.802
ns
DIFFERENTIAL
1.8-V
SSTL CLASS II
16mA
GCLK
t
co
3.091
3.326
4.733
5.149
5.676
5.532
5.731
5.284
5.815 5.671
5.800
ns
GCLK
PLL
t
co
3.071
3.306
4.710
5.125
5.653
5.509
5.708
5.261
5.791 5.647
5.776
ns
DIFFERENTIAL
2.5-V
SSTL CLASS I
8mA
GCLK
t
co
3.068
3.302
4.706
5.122
5.649
5.505
5.704
5.257
5.788 5.644
5.773
ns
GCLK
PLL
t
co
3.073
3.306
4.697
5.110
5.635
5.491
5.690
5.244
5.772 5.628
5.757
ns
DIFFERENTIAL
2.5-V
SSTL CLASS I
12mA
GCLK
tco
3.066
3.299
4.696
5.111
5.638
5.494
5.693
5.247
5.777 5.633
5.762
ns
GCLK
PLL
t
co
3.094
3.328
4.724
5.138
5.664
5.520
5.719
5.273
5.802 5.658
5.787
ns
Table 1–48. EP3SL50 Row Pins Output Timing Parameters (Part 3 of 4)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com