Electronic Components Datasheet Search
  English  ▼

X  

EP3SL200 Datasheet(PDF) 78 Page - Altera Corporation

Part # EP3SL200
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL200 Datasheet(HTML) 78 Page - Altera Corporation

Back Button EP3SL200 Datasheet HTML 74Page - Altera Corporation EP3SL200 Datasheet HTML 75Page - Altera Corporation EP3SL200 Datasheet HTML 76Page - Altera Corporation EP3SL200 Datasheet HTML 77Page - Altera Corporation EP3SL200 Datasheet HTML 78Page - Altera Corporation EP3SL200 Datasheet HTML 79Page - Altera Corporation EP3SL200 Datasheet HTML 80Page - Altera Corporation EP3SL200 Datasheet HTML 81Page - Altera Corporation EP3SL200 Datasheet HTML 82Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 341 page
background image
1–68
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Table 1–52 lists the EP3SL70 row pins input timing parameters for single-ended I/O
standards.
1.2-V HSTL
CLASS I
GCLK
t
su
-0.732
-0.731
-1.050 -1.145 -1.085
-1.037 -1.416 -1.145 -1.085 -1.037 -1.416
ns
t
h
0.856
0.856
1.222
1.338
1.303
1.245
1.616
1.338
1.303
1.245
1.616
ns
GCLK
PLL
t
su
-0.885
-0.885
-1.291 -1.406 -1.533
-1.471 -1.865 -1.406 -1.533 -1.471 -1.865
ns
t
h
1.138
1.138
1.659
1.818
1.989
1.905
2.306
1.818
1.989
1.905
2.306
ns
1.2-V HSTL
CLASS II
GCLK
t
su
-0.720
-0.719
-1.040 -1.134 -1.069
-1.021 -1.400 -1.134 -1.069 -1.021 -1.400
ns
t
h
0.844
0.844
1.212
1.327
1.287
1.229
1.600
1.327
1.287
1.229
1.600
ns
GCLK
PLL
t
su
-0.873
-0.873
-1.281 -1.395 -1.517
-1.455 -1.849 -1.395 -1.517 -1.455 -1.849
ns
t
h
1.126
1.126
1.649
1.807
1.973
1.889
2.290
1.807
1.973
1.889
2.290
ns
3.0-V PCI
GCLK
t
su
-0.720
-0.719
-1.040 -1.134 -1.069
-1.021 -1.400 -1.134 -1.069 -1.021 -1.400
ns
t
h
0.844
0.844
1.212
1.327
1.287
1.229
1.600
1.327
1.287
1.229
1.600
ns
GCLK
PLL
t
su
-0.873
-0.873
-1.281 -1.395 -1.517
-1.455 -1.849 -1.395 -1.517 -1.455 -1.849
ns
t
h
1.126
1.126
1.649
1.807
1.973
1.889
2.290
1.807
1.973
1.889
2.290
ns
3.0-V
PCI-X
GCLK
t
su
-0.823
-0.822
-1.153 -1.263 -1.311
-1.265 -1.644 -1.263 -1.311 -1.265 -1.644
ns
t
h
0.945
0.945
1.326
1.459
1.532
1.474
1.849
1.459
1.532
1.474
1.849
ns
GCLK
PLL
t
su
-0.976
-0.976
-1.394 -1.524 -1.762
-1.702 -2.093 -1.524 -1.762 -1.702 -2.093
ns
t
h
1.227
1.227
1.763
1.939
2.221
2.137
2.539
1.939
2.221
2.137
2.539
ns
Table 1–51. EP3SL70 Column Pins Input Timing Parameters (Part 3 of 3)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
Table 1–52. EP3SL70 Row Pins Input Timing Parameters (Part 1 of 3)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
3.3-V LVTTL
GCLK
t
su
-0.811
-0.836
-1.185 -1.296 -1.513 -1.460 -1.732 -1.306 -1.513 -1.464 -1.763
ns
t
h
0.925
0.962
1.582
1.801
1.915
1.799
1.814
1.796
1.923
1.804
1.865
ns
GCLK
PLL
t
su
0.937
0.945
1.371
1.505
1.747
1.679
1.951
1.526
1.756
1.693
1.982
ns
t
h
-0.688
-0.684
-1.185 -1.296 -1.513 -1.460 -1.732 -1.306 -1.513 -1.464 -1.763
ns
3.3-V
LVCMOS
GCLK
t
su
-0.811
-0.836
-1.185 -1.296 -1.513 -1.460 -1.732 -1.306 -1.513 -1.464 -1.763
ns
t
h
0.925
0.962
1.582
1.801
1.915
1.799
1.814
1.796
1.923
1.804
1.865
ns
GCLK
PLL
t
su
0.937
0.945
1.371
1.505
1.747
1.679
1.951
1.526
1.756
1.693
1.982
ns
t
h
-0.688
-0.684
-1.182 -1.297 -1.516 -1.463 -1.735 -1.305 -1.518 -1.469 -1.768
ns
3.0-V LVTTL
GCLK
t
su
-0.817
-0.847
1.368
1.506
1.750
1.682
1.954
1.525
1.761
1.698
1.987
ns
t
h
0.931
0.973
-1.182 -1.297 -1.516 -1.463 -1.735 -1.305 -1.518 -1.469 -1.768
ns
GCLK
PLL
t
su
0.931
0.934
1.585
1.800
1.912
1.796
1.811
1.797
1.918
1.799
1.860
ns
t
h
-0.682
-0.673
1.368
1.506
1.750
1.682
1.954
1.525
1.761
1.698
1.987
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com