Electronic Components Datasheet Search
  English  ▼

X  

EP3SL200 Datasheet(PDF) 37 Page - Altera Corporation

Part # EP3SL200
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL200 Datasheet(HTML) 37 Page - Altera Corporation

Back Button EP3SL200 Datasheet HTML 33Page - Altera Corporation EP3SL200 Datasheet HTML 34Page - Altera Corporation EP3SL200 Datasheet HTML 35Page - Altera Corporation EP3SL200 Datasheet HTML 36Page - Altera Corporation EP3SL200 Datasheet HTML 37Page - Altera Corporation EP3SL200 Datasheet HTML 38Page - Altera Corporation EP3SL200 Datasheet HTML 39Page - Altera Corporation EP3SL200 Datasheet HTML 40Page - Altera Corporation EP3SL200 Datasheet HTML 41Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–27
Switching Characteristics
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–29. Transmitter Channel-to-Channel Skew (TCCS)—Write Side (Note 1) (Part 1 of 2)
Memory Type
I/O
Standard
Width
C2
C3, I3
C4, I4
C4L, I4L
C4L, I4L
V
CCL = 1.1 V
V
CCL = 1.1 V
V
CCL = 1.1 V
VCCL = 1.1 V
VCCL = 0.9 V
TCCS (ps)
TCCS (ps)
TCCS (ps)
TCCS (ps)
TCCS (ps)
Lead
Lag
Lead
Lag
Lead
Lag
Lead
Lag
Lead
Lag
DDR3 SDRAM (with
Deskew circuitry,
401 MHz–533 MHz)
1.5-V
SSTL
×4, ×8
253
262
————————
DDR3 SDRAM (8-tap
phase offset,
375 MHz–400 MHz)
1.5-V
SSTL
×4, ×8
293
284
341
332
——————
DDR3 SDRAM (8-tap
phase offset,
360 MHz–375 MHz)
1.5-V
SSTL
×4, ×8
293
284
341
373
——————
DDR3 SDRAM (10-tap
phase offset,
333 MHz–360 MHz)
1.5-V
SSTL
×4, ×8
169
470
217
496
258
528
258
528
—
—
DDR3 SDRAM (10-tap
phase offset,
300 MHz–333 MHz)
1.5-V
SSTL
×4, ×8
169
470
217
496
258
528
258
528
—
—
DDR3 SDRAM
(Non-leveling interface)
1.5-V
SSTL
×4, ×8
268
246
230
355
250
388
250
388
250
388
DDR2 SDRAM Differential
DQS
1.8-V
SSTL
×4, ×8
229
246
230
355
250
388
250
388
350
488
DDR2 SDRAM
Single-ended DQS
1.8-V
SSTL
×4, ×8
316
168
318
239
346
260
346
260
446
360
DDR SDRAM
Single-ended DQS
2.5-V
SSTL
×4, ×8
313
157
315
222
343
242
343
242
443
342
QDRII/II+ SRAM
1.5-V
HSTL
×9, ×18,
×36
290
278
292
388
315
421
315
421
415
521
QDRII/II+ SRAM
Emulation (2)
1.5-V
HSTL
×36
310
298
312
408
335
441
335
441
435
541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com