Electronic Components Datasheet Search
  English  ▼

X  

EP3SL200 Datasheet(PDF) 58 Page - Altera Corporation

Part # EP3SL200
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL200 Datasheet(HTML) 58 Page - Altera Corporation

Back Button EP3SL200 Datasheet HTML 54Page - Altera Corporation EP3SL200 Datasheet HTML 55Page - Altera Corporation EP3SL200 Datasheet HTML 56Page - Altera Corporation EP3SL200 Datasheet HTML 57Page - Altera Corporation EP3SL200 Datasheet HTML 58Page - Altera Corporation EP3SL200 Datasheet HTML 59Page - Altera Corporation EP3SL200 Datasheet HTML 60Page - Altera Corporation EP3SL200 Datasheet HTML 61Page - Altera Corporation EP3SL200 Datasheet HTML 62Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 341 page
background image
1–48
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
SSTL-18
CLASS II
8mA
GCLK
t
co
3.000
2.988
4.233
4.599
5.071
4.953
5.155
4.599
5.071
4.953
5.155
ns
GCLK
PLL
tco
3.356
3.356
4.756
5.161
5.681
5.538
5.805
5.161
5.681
5.538
5.805
ns
16mA
GCLK
t
co
3.003
2.991
4.241
4.608
5.083
4.965
5.167
4.608
5.083
4.965
5.167
ns
GCLK
PLL
t
co
3.359
3.359
4.764
5.170
5.693
5.550
5.817
5.170
5.693
5.550
5.817
ns
SSTL-15
CLASS I
4mA
GCLK
t
co
3.024
3.012
4.269
4.638
5.113
4.995
5.197
4.638
5.113
4.995
5.197
ns
GCLK
PLL
t
co
3.380
3.380
4.791
5.200
5.723
5.580
5.847
5.200
5.723
5.580
5.847
ns
6mA
GCLK
t
co
3.010
2.998
4.258
4.628
5.104
4.986
5.188
4.628
5.104
4.986
5.188
ns
GCLK
PLL
t
co
3.366
3.366
4.781
5.190
5.714
5.571
5.838
5.190
5.714
5.571
5.838
ns
8mA
GCLK
t
co
2.999
2.987
4.245
4.614
5.090
4.972
5.174
4.614
5.090
4.972
5.174
ns
GCLK
PLL
t
co
3.355
3.355
4.767
5.176
5.700
5.557
5.824
5.176
5.700
5.557
5.824
ns
10mA
GCLK
tco
2.998
2.986
4.248
4.617
5.094
4.976
5.178
4.617
5.094
4.976
5.178
ns
GCLK
PLL
t
co
3.354
3.354
4.770
5.179
5.704
5.561
5.828
5.179
5.704
5.561
5.828
ns
12mA
GCLK
tco
2.995
2.983
4.242
4.612
5.088
4.970
5.172
4.612
5.088
4.970
5.172
ns
GCLK
PLL
t
co
3.351
3.351
4.765
5.174
5.698
5.555
5.822
5.174
5.698
5.555
5.822
ns
SSTL-15
CLASS II
8mA
GCLK
t
co
2.997
2.985
4.231
4.598
5.071
4.953
5.155
4.598
5.071
4.953
5.155
ns
GCLK
PLL
t
co
3.353
3.353
4.754
5.160
5.681
5.538
5.805
5.160
5.681
5.538
5.805
ns
16mA
GCLK
t
co
3.000
2.988
4.238
4.607
5.082
4.964
5.166
4.607
5.082
4.964
5.166
ns
GCLK
PLL
t
co
3.356
3.356
4.761
5.169
5.692
5.549
5.816
5.169
5.692
5.549
5.816
ns
Table 1–43. EP3SL50 Column Pins output Timing Parameters (Part 5 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com