Electronic Components Datasheet Search
  English  ▼

X  

EP3SL200 Datasheet(PDF) 89 Page - Altera Corporation

Part # EP3SL200
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL200 Datasheet(HTML) 89 Page - Altera Corporation

Back Button EP3SL200 Datasheet HTML 85Page - Altera Corporation EP3SL200 Datasheet HTML 86Page - Altera Corporation EP3SL200 Datasheet HTML 87Page - Altera Corporation EP3SL200 Datasheet HTML 88Page - Altera Corporation EP3SL200 Datasheet HTML 89Page - Altera Corporation EP3SL200 Datasheet HTML 90Page - Altera Corporation EP3SL200 Datasheet HTML 91Page - Altera Corporation EP3SL200 Datasheet HTML 92Page - Altera Corporation EP3SL200 Datasheet HTML 93Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–79
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
1.8 V
2mA
GCLK
tco
3.350
3.691
5.275
5.573 6.134
5.998 6.210
5.723 6.286 6.151
6.297
ns
GCLK
PLL
t
co
1.728
1.915
2.562
2.717 2.981
2.999 2.946
2.881 3.150 3.167
2.958
ns
4mA
GCLK
t
co
3.177
3.489
4.948
5.247 5.774
5.638 5.850
5.397 5.925 5.789
5.935
ns
GCLK
PLL
tco
1.503
1.713
2.235
2.349 2.576
2.594 2.541
2.516 2.744 2.760
2.551
ns
6mA
GCLK
t
co
3.102
3.387
4.795
5.142 5.673
5.537 5.749
5.283 5.819 5.684
5.830
ns
GCLK
PLL
t
co
1.438
1.611
2.082
2.199 2.417
2.435 2.382
2.348 2.571 2.588
2.379
ns
8mA
GCLK
t
co
3.084
3.313
4.718
5.089 5.608
5.472 5.684
5.227 5.747 5.612
5.758
ns
GCLK
PLL
t
co
1.378
1.557
2.005
2.106 2.321
2.339 2.286
2.253 2.477 2.494
2.285
ns
1.5 V
2mA
GCLK
tco
3.292
3.609
5.185
5.500 6.071
5.935 6.147
5.644 6.221 6.086
6.232
ns
GCLK
PLL
t
co
1.639
1.833
2.472
2.631 2.909
2.927 2.874
2.788 3.074 3.091
2.882
ns
4mA
GCLK
t
co
3.100
3.352
4.780
5.142 5.677
5.541 5.753
5.280 5.820 5.685
5.831
ns
GCLK
PLL
t
co
1.397
1.576
2.067
2.194 2.418
2.436 2.383
2.342 2.570 2.587
2.378
ns
6mA
GCLK
t
co
3.073
3.304
4.707
5.081 5.608
5.472 5.684
5.220 5.747 5.612
5.758
ns
GCLK
PLL
t
co
1.370
1.548
1.994
2.098 2.312
2.330 2.277
2.244 2.465 2.482
2.273
ns
8mA
GCLK
t
co
3.054
3.295
4.685
5.057 5.589
5.453 5.665
5.196 5.728 5.593
5.739
ns
GCLK
PLL
t
co
1.361
1.537
1.972
2.080 2.293
2.311 2.258
2.226 2.443 2.460
2.251
ns
1.2 V
2mA
GCLK
tco
3.222
3.534
5.095
5.432 6.010
5.874 6.086
5.576 6.152 6.017
6.163
ns
GCLK
PLL
t
co
1.582
1.758
2.382
2.545 2.834
2.852 2.799
2.700 2.990 3.007
2.798
ns
4mA
GCLK
t
co
3.105
3.345
4.802
5.170 5.725
5.589 5.801
5.309 5.864 5.729
5.875
ns
GCLK
PLL
t
co
1.402
1.578
2.089
2.222 2.459
2.477 2.424
2.367 2.612 2.629
2.420
ns
SSTL-2
CLASS I
8mA
GCLK
t
co
2.991
3.217
4.563
4.960 5.469
5.333 5.540
5.087 5.597 5.462
5.608
ns
GCLK
PLL
t
co
1.323
1.508
1.914
1.999 2.197
2.216 2.134
2.112 2.315 2.332
2.123
ns
12mA
GCLK
t
co
2.979
3.205
4.555
4.952 5.461
5.325 5.532
5.079 5.590 5.455
5.601
ns
GCLK
PLL
t
co
1.318
1.504
1.911
1.997 2.195
2.214 2.132
2.111 2.314 2.331
2.122
ns
SSTL-2
CLASS II
16mA
GCLK
tco
2.963
3.187
4.530
4.927 5.434
5.298 5.505
5.053 5.563 5.428
5.574
ns
GCLK
PLL
t
co
1.309
1.493
1.896
1.981 2.178
2.197 2.115
2.094 2.296 2.313
2.104
ns
Table 1–54. EP3SL70 Row Pins Output Timing Parameters (Part 2 of 4)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com