Electronic Components Datasheet Search
  English  ▼

X  

EP3SL200 Datasheet(PDF) 82 Page - Altera Corporation

Part # EP3SL200
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL200 Datasheet(HTML) 82 Page - Altera Corporation

Back Button EP3SL200 Datasheet HTML 78Page - Altera Corporation EP3SL200 Datasheet HTML 79Page - Altera Corporation EP3SL200 Datasheet HTML 80Page - Altera Corporation EP3SL200 Datasheet HTML 81Page - Altera Corporation EP3SL200 Datasheet HTML 82Page - Altera Corporation EP3SL200 Datasheet HTML 83Page - Altera Corporation EP3SL200 Datasheet HTML 84Page - Altera Corporation EP3SL200 Datasheet HTML 85Page - Altera Corporation EP3SL200 Datasheet HTML 86Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 341 page
background image
1–72
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
3.0-V
LVCMOS
4mA
GCLK
tco
3.067
3.067
4.284
4.635
5.091
4.971
5.177
4.635
5.091
4.971
5.177
ns
GCLK
PLL
t
co
3.392
3.392
4.766
5.161
5.687
5.545
5.873
5.161
5.687
5.545
5.873
ns
8mA
GCLK
tco
2.988
2.988
4.160
4.505
4.956
4.836
5.042
4.505
4.956
4.836
5.042
ns
GCLK
PLL
t
co
3.313
3.313
4.642
5.032
5.552
5.410
5.763
5.032
5.552
5.410
5.763
ns
12mA
GCLK
t
co
2.981
2.981
4.152
4.498
4.947
4.826
5.034
4.498
4.947
4.826
5.034
ns
GCLK
PLL
t
co
3.308
3.308
4.635
5.025
5.544
5.401
5.732
5.025
5.544
5.401
5.732
ns
16mA
GCLK
t
co
2.972
2.972
4.137
4.482
4.932
4.811
5.019
4.482
4.932
4.811
5.019
ns
GCLK
PLL
t
co
3.299
3.299
4.621
5.010
5.529
5.386
5.737
5.010
5.529
5.386
5.737
ns
2.5 V
4mA
GCLK
t
co
3.187
3.187
4.490
4.860
5.338
5.218
5.424
4.860
5.338
5.218
5.424
ns
GCLK
PLL
t
co
3.514
3.514
4.973
5.388
5.934
5.792
6.081
5.388
5.934
5.792
6.081
ns
8mA
GCLK
t
co
3.090
3.090
4.371
4.735
5.206
5.086
5.292
4.735
5.206
5.086
5.292
ns
GCLK
PLL
tco
3.414
3.414
4.854
5.262
5.802
5.660
5.957
5.262
5.802
5.660
5.957
ns
12mA
GCLK
t
co
3.045
3.045
4.284
4.644
5.110
4.989
5.197
4.644
5.110
4.989
5.197
ns
GCLK
PLL
tco
3.370
3.370
4.767
5.171
5.707
5.564
5.879
5.171
5.707
5.564
5.879
ns
16mA
GCLK
t
co
3.006
3.006
4.245
4.602
5.067
4.946
5.154
4.602
5.067
4.946
5.154
ns
GCLK
PLL
t
co
3.332
3.332
4.728
5.129
5.664
5.521
5.822
5.129
5.664
5.521
5.822
ns
Table 1–53. EP3SL70 Column Pins Output Timing Parameters (Part 2 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com