Electronic Components Datasheet Search
  English  ▼

X  

EP3SL200 Datasheet(PDF) 72 Page - Altera Corporation

Part # EP3SL200
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL200 Datasheet(HTML) 72 Page - Altera Corporation

Back Button EP3SL200 Datasheet HTML 68Page - Altera Corporation EP3SL200 Datasheet HTML 69Page - Altera Corporation EP3SL200 Datasheet HTML 70Page - Altera Corporation EP3SL200 Datasheet HTML 71Page - Altera Corporation EP3SL200 Datasheet HTML 72Page - Altera Corporation EP3SL200 Datasheet HTML 73Page - Altera Corporation EP3SL200 Datasheet HTML 74Page - Altera Corporation EP3SL200 Datasheet HTML 75Page - Altera Corporation EP3SL200 Datasheet HTML 76Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 341 page
background image
1–62
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Table 1–48 lists the EP3SL50 row pins output timing parameters for differential I/O
standards.
DIFFERENTIAL
2.5-V SSTL
CLASS I
8mA
GCLK
t
co
3.034
3.258
4.627 5.034 5.551 5.411 5.629 5.162
5.680
5.542
5.699
ns
GCLK
PLL
t
co
3.032
3.256
4.625 5.032 5.549 5.409 5.627 5.160
5.677
5.539
5.696
ns
10mA
GCLK
t
co
3.036
3.258
4.617 5.022 5.537 5.397 5.615 5.149
5.664
5.526
5.683
ns
GCLK
PLL
t
co
3.036
3.259
4.625 5.032 5.549 5.409 5.627 5.160
5.677
5.539
5.696
ns
12mA
GCLK
tco
3.052
3.276
4.641 5.047 5.563 5.423 5.641 5.175
5.690
5.552
5.709
ns
GCLK
PLL
t
co
3.052
3.276
4.641 5.047 5.563 5.423 5.641 5.175
5.690
5.552
5.709
ns
DIFFERENTIAL
2.5-V SSTL
CLASS II
16mA
GCLK
t
co
3.042
3.266
4.631 5.037 5.553 5.413 5.631 5.165
5.681
5.543
5.700
ns
GCLK
PLL
t
co
3.035
3.258
4.617 5.022 5.537 5.397 5.615 5.149
5.664
5.526
5.683
ns
Table 1–47. EP3SL50 Column Pins Output Timing Parameters (Part 4 of 4)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
Table 1–48. EP3SL50 Row Pins Output Timing Parameters (Part 1 of 4)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
LVDS
—
GCLK
t
co
2.668
2.842
3.979
4.346
4.821
4.685
4.892
4.453
4.930 4.795
4.940
ns
GCLK
PLL
t
co
3.062
3.288
4.646
5.055
5.575
5.431
5.630
5.186
5.709 5.565
5.694
ns
LVDS_E_1R
—
GCLK
t
co
3.044
3.278
4.684
5.101
5.629
5.485
5.684
5.237
5.770 5.626
5.755
ns
GCLK
PLL
t
co
2.668
2.842
3.979
4.346
4.821
4.685
4.892
4.453
4.930 4.795
4.940
ns
LVDS_E_3R
—
GCLK
t
co
3.062
3.288
4.646
5.055
5.575
5.431
5.630
5.186
5.709 5.565
5.694
ns
GCLK
PLL
tco
3.044
3.278
4.684
5.101
5.629
5.485
5.684
5.237
5.770 5.626
5.755
ns
MINI-LVDS
—
GCLK
t
co
2.668
2.842
3.979
4.346
4.821
4.685
4.892
4.453
4.930 4.795
4.940
ns
GCLK
PLL
tco
3.062
3.288
4.646
5.055
5.575
5.431
5.630
5.186
5.709 5.565
5.694
ns
MINI-
LVDS_E_1R
—
GCLK
t
co
3.044
3.278
4.684
5.101
5.629
5.485
5.684
5.237
5.770 5.626
5.755
ns
GCLK
PLL
t
co
3.098
3.331
4.730
5.145
5.672
5.528
5.727
5.280
5.809 5.665
5.794
ns
MINI-
LVDS_E_3R
—
GCLK
t
co
3.084
3.317
4.717
5.132
5.659
5.515
5.714
5.266
5.796 5.652
5.781
ns
GCLK
PLL
t
co
3.080
3.313
4.715
5.132
5.660
5.516
5.715
5.266
5.798 5.654
5.783
ns
RSDS
—
GCLK
t
co
3.096
3.328
4.716
5.129
5.654
5.510
5.709
5.263
5.791 5.647
5.776
ns
GCLK
PLL
t
co
3.085
3.318
4.712
5.125
5.651
5.507
5.706
5.260
5.788 5.644
5.773
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com