Electronic Components Datasheet Search
  English  ▼

X  

EP3SL200 Datasheet(PDF) 38 Page - Altera Corporation

Part # EP3SL200
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL200 Datasheet(HTML) 38 Page - Altera Corporation

Back Button EP3SL200 Datasheet HTML 34Page - Altera Corporation EP3SL200 Datasheet HTML 35Page - Altera Corporation EP3SL200 Datasheet HTML 36Page - Altera Corporation EP3SL200 Datasheet HTML 37Page - Altera Corporation EP3SL200 Datasheet HTML 38Page - Altera Corporation EP3SL200 Datasheet HTML 39Page - Altera Corporation EP3SL200 Datasheet HTML 40Page - Altera Corporation EP3SL200 Datasheet HTML 41Page - Altera Corporation EP3SL200 Datasheet HTML 42Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 341 page
background image
1–28
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
Switching Characteristics
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
DLL and DQS Logic Block Specifications
Table 1–30 lists the DLL frequency range specifications for Stratix III devices.
QDRII/II+ SRAM
1.8-V
HSTL
×9, ×18,
×36
259
276
260
385
280
418
280
418
380
518
QDRII/II+ SRAM
Emulation (2)
1.8-V
HSTL
×36
279
296
280
405
300
438
300
438
400
538
RLDRAM II
1.5-V
HSTL
×9, ×18
290
278
292
388
315
421
315
421
415
521
RLDRAM II
1.8-V
HSTL
×9, ×18
259
276
260
385
280
418
280
418
380
518
Notes to Table 1–29:
(1) The values apply to Column I/Os, Row I/Os, and Hybrid mode interfaces. Column I/Os refer to top and bottom I/Os. Hybrid mode refers to DQ/DQS groups
wrapping over Column I/Os and Row I/Os of the device.
(2) For implementation, refer to the “Supporting ×36 QDRII+/QDRII SRAM Interfaces in the F780 and F1152-Pin Packages” section in the External Memory
Interfaces in Stratix III Devices chapter.
Table 1–29. Transmitter Channel-to-Channel Skew (TCCS)—Write Side (Note 1) (Part 2 of 2)
Memory Type
I/O
Standard
Width
C2
C3, I3
C4, I4
C4L, I4L
C4L, I4L
V
CCL = 1.1 V
V
CCL = 1.1 V
V
CCL = 1.1 V
VCCL = 1.1 V
VCCL = 0.9 V
TCCS (ps)
TCCS (ps)
TCCS (ps)
TCCS (ps)
TCCS (ps)
Lead
Lag
Lead
Lag
Lead
Lag
Lead
Lag
Lead
Lag
Table 1–30. DLL Frequency Range Specifications for Stratix III Devices
Frequency
Mode
Frequency Range (MHz)
Available Phase Shift
Number of
Delay Chains
DQS Delay
Buffer Mode (1)
C2
C3, I3
C4, I4
C4L, I4L
0
90 – 150
90 – 140
90 – 120
90 – 120
22.5°, 45°, 67.5°, 90°
16
Low
1
120 – 200
120 – 190
120 – 170
120 – 170
30°, 60°, 90°, 120°
12
Low
2
150 – 240
150 – 230
150 – 200
150 – 200
36°, 72°, 108°, 144°
10
Low
3
180 – 300
180 – 290
180 – 250
180 – 250
45°, 90°,135°, 180°
8
Low
4
240 – 370
240 – 350
240 – 310
240 – 310
30°, 60°, 90°,120°
12
High
5
290 – 450
290 – 420
290 – 370
290 – 370
36°, 72°, 108°, 144°
10
High
6
360 – 560
360 – 530
360 – 460
360 – 460
45°, 90°, 135°, 180°
8
High
7
470 – 740
470 – 700
470 – 610
470 – 610
60°, 120°, 180°, 240°
6
High
Note to Table 1–30:
(1) “Low” indicates a 6-bit DQS delay setting; “high” indicates a 5-bit DQS delay setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com