Electronic Components Datasheet Search
  English  ▼

X  

EP3SL200 Datasheet(PDF) 77 Page - Altera Corporation

Part # EP3SL200
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL200 Datasheet(HTML) 77 Page - Altera Corporation

Back Button EP3SL200 Datasheet HTML 73Page - Altera Corporation EP3SL200 Datasheet HTML 74Page - Altera Corporation EP3SL200 Datasheet HTML 75Page - Altera Corporation EP3SL200 Datasheet HTML 76Page - Altera Corporation EP3SL200 Datasheet HTML 77Page - Altera Corporation EP3SL200 Datasheet HTML 78Page - Altera Corporation EP3SL200 Datasheet HTML 79Page - Altera Corporation EP3SL200 Datasheet HTML 80Page - Altera Corporation EP3SL200 Datasheet HTML 81Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–67
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
SSTL-2
CLASS I
GCLK
t
su
-0.749
-0.748
-1.074 -1.164 -1.104
-1.058 -1.437 -1.164 -1.104 -1.058 -1.437
ns
t
h
0.873
0.873
1.247
1.360
1.325
1.267
1.642
1.360
1.325
1.267
1.642
ns
GCLK
PLL
t
su
-0.902
-0.902
-1.315 -1.425 -1.555
-1.495 -1.886 -1.425 -1.555 -1.495 -1.886
ns
t
h
1.155
1.155
1.684
1.840
2.014
1.930
2.332
1.840
2.014
1.930
2.332
ns
SSTL-2
CLASS II
GCLK
t
su
-0.749
-0.748
-1.074 -1.164 -1.104
-1.058 -1.437 -1.164 -1.104 -1.058 -1.437
ns
t
h
0.873
0.873
1.247
1.360
1.325
1.267
1.642
1.360
1.325
1.267
1.642
ns
GCLK
PLL
t
su
-0.902
-0.902
-1.315 -1.425 -1.555
-1.495 -1.886 -1.425 -1.555 -1.495 -1.886
ns
t
h
1.155
1.155
1.684
1.840
2.014
1.930
2.332
1.840
2.014
1.930
2.332
ns
SSTL-18
CLASS I
GCLK
t
su
-0.743
-0.742
-1.061 -1.156 -1.104
-1.056 -1.435 -1.156 -1.104 -1.056 -1.435
ns
t
h
0.867
0.867
1.234
1.349
1.322
1.264
1.635
1.349
1.322
1.264
1.635
ns
GCLK
PLL
t
su
-0.896
-0.896
-1.302 -1.417 -1.552
-1.490 -1.884 -1.417 -1.552 -1.490 -1.884
ns
t
h
1.149
1.149
1.671
1.829
2.008
1.924
2.325
1.829
2.008
1.924
2.325
ns
SSTL-18
CLASS II
GCLK
t
su
-0.743
-0.742
-1.061 -1.156 -1.104
-1.056 -1.435 -1.156 -1.104 -1.056 -1.435
ns
t
h
0.867
0.867
1.234
1.349
1.322
1.264
1.635
1.349
1.322
1.264
1.635
ns
GCLK
PLL
t
su
-0.896
-0.896
-1.302 -1.417 -1.552
-1.490 -1.884 -1.417 -1.552 -1.490 -1.884
ns
t
h
1.149
1.149
1.671
1.829
2.008
1.924
2.325
1.829
2.008
1.924
2.325
ns
SSTL-15
CLASS I
GCLK
t
su
-0.732
-0.731
-1.050 -1.145 -1.085
-1.037 -1.416 -1.145 -1.085 -1.037 -1.416
ns
t
h
0.856
0.856
1.222
1.338
1.303
1.245
1.616
1.338
1.303
1.245
1.616
ns
GCLK
PLL
t
su
-0.885
-0.885
-1.291 -1.406 -1.533
-1.471 -1.865 -1.406 -1.533 -1.471 -1.865
ns
t
h
1.138
1.138
1.659
1.818
1.989
1.905
2.306
1.818
1.989
1.905
2.306
ns
1.8-V HSTL
CLASS I
GCLK
t
su
-0.732
-0.731
-1.050 -1.145 -1.085
-1.037 -1.416 -1.145 -1.085 -1.037 -1.416
ns
t
h
0.856
0.856
1.222
1.338
1.303
1.245
1.616
1.338
1.303
1.245
1.616
ns
GCLK
PLL
t
su
-0.885
-0.885
-1.291 -1.406 -1.533
-1.471 -1.865 -1.406 -1.533 -1.471 -1.865
ns
t
h
1.138
1.138
1.659
1.818
1.989
1.905
2.306
1.818
1.989
1.905
2.306
ns
1.8-V HSTL
CLASS II
GCLK
t
su
-0.743
-0.742
-1.061 -1.156 -1.104
-1.056 -1.435 -1.156 -1.104 -1.056 -1.435
ns
t
h
0.867
0.867
1.234
1.349
1.322
1.264
1.635
1.349
1.322
1.264
1.635
ns
GCLK
PLL
t
su
-0.896
-0.896
-1.302 -1.417 -1.552
-1.490 -1.884 -1.417 -1.552 -1.490 -1.884
ns
t
h
1.149
1.149
1.671
1.829
2.008
1.924
2.325
1.829
2.008
1.924
2.325
ns
1.5-V HSTL
CLASS I
GCLK
t
su
-0.743
-0.742
-1.061 -1.156 -1.104
-1.056 -1.435 -1.156 -1.104 -1.056 -1.435
ns
t
h
0.867
0.867
1.234
1.349
1.322
1.264
1.635
1.349
1.322
1.264
1.635
ns
GCLK
PLL
t
su
-0.896
-0.896
-1.302 -1.417 -1.552
-1.490 -1.884 -1.417 -1.552 -1.490 -1.884
ns
t
h
1.149
1.149
1.671
1.829
2.008
1.924
2.325
1.829
2.008
1.924
2.325
ns
1.5-V HSTL
CLASS II
GCLK
t
su
-0.732
-0.731
-1.050 -1.145 -1.085
-1.037 -1.416 -1.145 -1.085 -1.037 -1.416
ns
t
h
0.856
0.856
1.222
1.338
1.303
1.245
1.616
1.338
1.303
1.245
1.616
ns
GCLK
PLL
t
su
-0.885
-0.885
-1.291 -1.406 -1.533
-1.471 -1.865 -1.406 -1.533 -1.471 -1.865
ns
t
h
1.138
1.138
1.659
1.818
1.989
1.905
2.306
1.818
1.989
1.905
2.306
ns
Table 1–51. EP3SL70 Column Pins Input Timing Parameters (Part 2 of 3)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com