Electronic Components Datasheet Search
  English  ▼

X  

EP3SL200 Datasheet(PDF) 67 Page - Altera Corporation

Part # EP3SL200
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL200 Datasheet(HTML) 67 Page - Altera Corporation

Back Button EP3SL200 Datasheet HTML 63Page - Altera Corporation EP3SL200 Datasheet HTML 64Page - Altera Corporation EP3SL200 Datasheet HTML 65Page - Altera Corporation EP3SL200 Datasheet HTML 66Page - Altera Corporation EP3SL200 Datasheet HTML 67Page - Altera Corporation EP3SL200 Datasheet HTML 68Page - Altera Corporation EP3SL200 Datasheet HTML 69Page - Altera Corporation EP3SL200 Datasheet HTML 70Page - Altera Corporation EP3SL200 Datasheet HTML 71Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–57
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–46 lists the EP3SL50 row pins input timing parameters for differential I/O
standards.
Table 1–46. EP3SL50 Row Pins Input Timing Parameters (Part 1 of 2)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
LVDS
GCLK
t
su
-0.919
-0.939
-0.988 -0.952 -1.089 -1.040 -1.316 -0.916 -1.048 -1.000 -1.349
ns
t
h
1.042
1.077
1.209
1.205
1.369
1.306
1.580
1.182
1.339
1.280
1.613
ns
GCLK
PLL
t
su
0.882
0.896
1.863
2.243
2.446
2.322
2.342
2.291
2.500
2.376
2.393
ns
t
h
-0.625
-0.625
-1.430 -1.749 -1.896 -1.802 -1.817 -1.783 -1.936 -1.843 -1.865
ns
MINI-LVDS
GCLK
tsu
-0.919
-0.939
-0.988 -0.952 -1.089 -1.040 -1.316 -0.916 -1.048 -1.000 -1.349
ns
t
h
1.042
1.077
1.209
1.205
1.369
1.306
1.580
1.182
1.339
1.280
1.613
ns
GCLK
PLL
t
su
0.882
0.896
1.863
2.243
2.446
2.322
2.342
2.291
2.500
2.376
2.393
ns
t
h
-0.625
-0.625
-1.430 -1.749 -1.896 -1.802 -1.817 -1.783 -1.936 -1.843 -1.865
ns
RSDS
GCLK
t
su
-0.919
-0.939
-0.988 -0.952 -1.089 -1.040 -1.316 -0.916 -1.048 -1.000 -1.349
ns
th
1.042
1.077
1.209
1.205
1.369
1.306
1.580
1.182
1.339
1.280
1.613
ns
GCLK
PLL
t
su
0.882
0.896
1.863
2.243
2.446
2.322
2.342
2.291
2.500
2.376
2.393
ns
t
h
-0.625
-0.625
-1.430 -1.749 -1.896 -1.802 -1.817 -1.783 -1.936 -1.843 -1.865
ns
DIFFERENTIAL
1.2-V
HSTL CLASS I
GCLK
t
su
-0.734
-0.764
-1.085 -1.186 -1.286 -1.234 -1.505 -1.193 -1.291 -1.242 -1.543
ns
t
h
0.850
0.893
1.274
1.394
1.516
1.451
1.720
1.410
1.531
1.470
1.758
ns
GCLK
PLL
t
su
1.077
1.081
1.776
2.019
2.257
2.138
2.163
2.024
2.263
2.144
2.209
ns
t
h
-0.827
-0.819
-1.375 -1.570 -1.756 -1.667 -1.687 -1.565 -1.751 -1.663 -1.730
ns
DIFFERENTIAL
1.2-V
HSTL CLASS II
GCLK
tsu
-0.734
-0.764
-1.085 -1.186 -1.286 -1.234 -1.505 -1.193 -1.291 -1.242 -1.543
ns
t
h
0.850
0.893
1.274
1.394
1.516
1.451
1.720
1.410
1.531
1.470
1.758
ns
GCLK
PLL
t
su
1.077
1.081
1.776
2.019
2.257
2.138
2.163
2.024
2.263
2.144
2.209
ns
t
h
-0.827
-0.819
-1.375 -1.570 -1.756 -1.667 -1.687 -1.565 -1.751 -1.663 -1.730
ns
DIFFERENTIAL
1.5-V
HSTL CLASS I
GCLK
t
su
-0.743
-0.776
-1.094 -1.196 -1.302 -1.250 -1.521 -1.202 -1.307 -1.258 -1.559
ns
th
0.859
0.905
1.283
1.404
1.532
1.467
1.736
1.419
1.547
1.486
1.774
ns
GCLK
PLL
t
su
1.068
1.069
1.767
2.009
2.241
2.122
2.147
2.015
2.247
2.128
2.193
ns
t
h
-0.818
-0.807
-1.366 -1.560 -1.740 -1.651 -1.671 -1.556 -1.735 -1.647 -1.714
ns
DIFFERENTIAL
1.5-V
HSTL CLASS II
GCLK
t
su
-0.743
-0.776
-1.094 -1.196 -1.302 -1.250 -1.521 -1.202 -1.307 -1.258 -1.559
ns
t
h
0.859
0.905
1.283
1.404
1.532
1.467
1.736
1.419
1.547
1.486
1.774
ns
GCLK
PLL
t
su
1.068
1.069
1.767
2.009
2.241
2.122
2.147
2.015
2.247
2.128
2.193
ns
t
h
-0.818
-0.807
-1.366 -1.560 -1.740 -1.651 -1.671 -1.556 -1.735 -1.647 -1.714
ns
DIFFERENTIAL
1.8-V
HSTL CLASS I
GCLK
tsu
-0.757
-0.788
-1.107 -1.206 -1.320 -1.268 -1.539 -1.213 -1.324 -1.275 -1.576
ns
t
h
0.873
0.917
1.295
1.414
1.550
1.485
1.754
1.430
1.564
1.503
1.791
ns
GCLK
PLL
t
su
1.054
1.057
1.754
1.999
2.223
2.104
2.129
2.004
2.230
2.111
2.176
ns
t
h
-0.804
-0.795
-1.354 -1.550 -1.722 -1.633 -1.653 -1.545 -1.718 -1.630 -1.697
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com