Electronic Components Datasheet Search
  English  ▼

X  

EP3SL200 Datasheet(PDF) 36 Page - Altera Corporation

Part # EP3SL200
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL200 Datasheet(HTML) 36 Page - Altera Corporation

Back Button EP3SL200 Datasheet HTML 32Page - Altera Corporation EP3SL200 Datasheet HTML 33Page - Altera Corporation EP3SL200 Datasheet HTML 34Page - Altera Corporation EP3SL200 Datasheet HTML 35Page - Altera Corporation EP3SL200 Datasheet HTML 36Page - Altera Corporation EP3SL200 Datasheet HTML 37Page - Altera Corporation EP3SL200 Datasheet HTML 38Page - Altera Corporation EP3SL200 Datasheet HTML 39Page - Altera Corporation EP3SL200 Datasheet HTML 40Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 341 page
background image
1–26
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
Switching Characteristics
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
.
Table 1–28. Sampling Window (SW)—Read Side (Note 1)
Memory Type
I/O
Standard
Width
C2
C3, I3
C4, I4
C4L, I4L
C4L, I4L
VCCL = 1.1 V
VCCL = 1.1 V
VCCL = 1.1 V
VCCL = 1.1 V
VCCL = 0.9 V
SW (ps)
SW (ps)
SW (ps)
SW (ps)
SW (ps)
Setup
Hold
Setup
Hold
Setup
Hold
Setup
Hold
Setup
Hold
DDR3 SDRAM (with 8 or
10 tap phase offset,
300 MHz–400 MHz)
1.5-V
SSTL
×4, ×8
172
296
234
296
257
311
257
311
257
311
DDR3 SDRAM (with
Deskew circuitry,
401 MHz–533 MHz)
1.5-V
SSTL
×4, ×8
300
213
————————
DDR3 SDRAM
(Non-leveling interface)
1.5-V
SSTL
×4, ×8
172
296
234
296
257
311
257
311
257
311
DDR2 SDRAM Differential
DQS
1.8-V
SSTL
×4, ×8
181
306
234
326
257
326
257
326
257
326
DDR2 SDRAM
Single-ended DQS
1.8-V
SSTL
×4, ×8
231
256
284
276
307
276
307
276
307
276
DDR SDRAM
Single-ended DQS
2.5-V
SSTL
×4, ×8
231
256
284
261
307
261
307
261
307
261
QDRII/II+ SRAM
1.5-V
HSTL
×9, ×18,
×36
261
286
314
291
337
291
337
291
337
291
QDRII/II+ SRAM
Emulation (2)
1.5-V
HSTL
×36
261
328
314
337
337
350
337
350
337
350
QDRII/II+ SRAM
1.8-V
HSTL
×9, ×18,
×36
261
286
314
291
337
291
337
291
337
291
QDRII/II+ SRAM
Emulation (2)
1.8-V
HSTL
×36
261
328
314
337
337
350
337
350
337
350
RLDRAM II
1.5-V
HSTL
×9, ×18
211
336
264
356
287
356
287
356
287
356
RLDRAM II
1.8-V
HSTL
×9, ×18
211
336
264
356
287
356
287
356
287
356
Notes to Table 1–28:
(1) The values apply to Column I/Os, Row I/Os and Hybrid mode interface. Column I/Os refer to top and bottom I/Os. Hybrid mode refers to DQ/DQS groups
wrapping over Column I/Os and Row I/Os of the device.
(2) For implementation, refer to the “Supporting ×36 QDRII+/QDRII SRAM Interfaces in the F780 and F1152-Pin Packages” section in the External Memory
Interfaces in Stratix III Devices chapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com