Electronic Components Datasheet Search
  English  ▼

X  

EP3SL200 Datasheet(PDF) 19 Page - Altera Corporation

Part # EP3SL200
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL200 Datasheet(HTML) 19 Page - Altera Corporation

Back Button EP3SL200 Datasheet HTML 15Page - Altera Corporation EP3SL200 Datasheet HTML 16Page - Altera Corporation EP3SL200 Datasheet HTML 17Page - Altera Corporation EP3SL200 Datasheet HTML 18Page - Altera Corporation EP3SL200 Datasheet HTML 19Page - Altera Corporation EP3SL200 Datasheet HTML 20Page - Altera Corporation EP3SL200 Datasheet HTML 21Page - Altera Corporation EP3SL200 Datasheet HTML 22Page - Altera Corporation EP3SL200 Datasheet HTML 23Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–9
Electrical Characteristics
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Internal Weak Pull-Up Resistor
Table 1–12 lists the weak pull-up resistor values for Stratix III devices.
I/O Standard Specifications
The following tables list input voltage sensitivities (VIH and VIL), output voltages
(VOH and VOL), and current drive characteristics (IOH and IOL) for all I/O standards
supported by Stratix III devices. VOL and VOH values are valid at the corresponding
IOL and IOH, respectively.
Table 1–13 through Table 1–18 list the Stratix III device family I/O standard
specifications. Refer to “Glossary” on page 1–326 for an explanation of terms used in
the Table 1–14 through Table 1–18.
Table 1–12. Internal Weak Pull-Up Resistor for Stratix III Devices (Note 1), (3)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
R
PU
Value of the I/O pin pull-
up resistor before and
during configuration, as
well as user mode if the
programmable pull-up
resistor option is
enabled
V
CCIO = 3.3 V ± 5% (2)
—25
—
k
V
CCIO = 3.0 V ± 5% (2)
—25
—
k
V
CCIO = 2.5 V ± 5% (2)
—25
—
k
V
CCIO = 1.8 V ± 5% (2)
—25
—
k
V
CCIO = 1.5 V ± 5% (2)
—25
—
k
V
CCIO = 1.2 V ± 5% (2)
—25
—
k
Notes to Table 1–12:
(1) All I/O pins have an option to enable weak pull-up except configuration, test, and JTAG pins.
(2) Pin pull-up resistance values may be lower if an external source drives the pin higher than V
CCIO.
(3) The internal weak pull-down feature is only available for the JTAG TCK pin. The typical value for this internal weak
pull-down resistor is approximately 25k
.
Table 1–13. Single-Ended I/O Standards Specifications
I/O Standard
V
CCIO (V)
V
IL (V)
V
IH (V)
V
OL (V)
V
OH (V)
IOL
(mA)
IOH
(mA)
Min
Typ
Max
Min
Max
Min
Max
Max
Min
3.3-V LVTTL
3.135
3.3
3.465
-0.3
0.8
1.7
3.6
0.4
2.4
2
-2
3.0-V LVTTL
2.85
3
3.15
-0.3
0.8
1.7
3.6
0.4
2.4
2
-2
3.3-V LVCMOS
3.135
3.3
3.465
-0.3
0.8
1.7
3.6
0.2
V
CCIO - 0.2
0.1
-0.1
3.0-V LVCMOS
2.85
3
3.15
-0.3
0.8
1.7
3.6
0.2
V
CCIO - 0.2
0.1
-0.1
2.5-V LVTTL/
LVCMOS
2.375
2.5
2.625
-0.3
0.7
1.7
3.6
0.2
2.1
0.1
-0.1
2.5
2.625
-0.3
0.7
1.7
3.6
0.4
2
1
-1
2.5
2.625
-0.3
0.7
1.7
3.6
0.7
1.7
2
-2
1.8-V LVTTL /
LVCMOS
1.71
1.8
1.89
-0.3
0.35 * V
CCIO
0.65 * V
CCIO
V
CCIO + 0.3
0.45
V
CCIO - 0.45
2
-2
1.5-V LVTTL/
LVCMOS
1.425
1.5
1.575
-0.3
0.35 * V
CCIO
0.65 * V
CCIO
V
CCIO + 0.3
0.25 * V
CCIO
0.75 * V
CCIO
2-2
1.2-V LVTTL /
LVCMOS
1.14
1.2
1.26
-0.3
0.35 * V
CCIO
0.65 * V
CCIO
V
CCIO + 0.3
0.25 * V
CCIO
0.75 * V
CCIO
2-2
3.0-V PCI
2.85
3
3.15
—
0.3 * V
CCIO
0.5 * V
CCIO
3.6
0.1 * V
CCIO
0.9 * V
CCIO
1.5
-0.5
3.0-V PCI-X
2.85
3
3.15
—
0.35 * V
CCIO
0.5 * V
CCIO
—0.1 * V
CCIO
0.9 * V
CCIO
1.5
-0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com