Electronic Components Datasheet Search
  English  ▼

X  

EP3SL200 Datasheet(PDF) 30 Page - Altera Corporation

Part # EP3SL200
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL200 Datasheet(HTML) 30 Page - Altera Corporation

Back Button EP3SL200 Datasheet HTML 26Page - Altera Corporation EP3SL200 Datasheet HTML 27Page - Altera Corporation EP3SL200 Datasheet HTML 28Page - Altera Corporation EP3SL200 Datasheet HTML 29Page - Altera Corporation EP3SL200 Datasheet HTML 30Page - Altera Corporation EP3SL200 Datasheet HTML 31Page - Altera Corporation EP3SL200 Datasheet HTML 32Page - Altera Corporation EP3SL200 Datasheet HTML 33Page - Altera Corporation EP3SL200 Datasheet HTML 34Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 341 page
background image
1–20
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
Switching Characteristics
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Configuration and JTAG Specifications
Table 1–23 lists the Stratix III configuration mode specifications.
Table 1–24 lists the JTAG timing parameters and values for Stratix III devices. Refer to
the figure for “HIGH-SPEED I/O Block” in the “Glossary” on page 1–326 for the
JTAG timing requirements.
M144K
(3), (5)
Simple dual-port 2K × 64 (with ECC)
0
1
255
210
180
180
130
195
180
120
MHz
Min Pulse Width (Clock High Time)
—
—
800
1000
1100
1100
1800
1000
1100
1800
ps
Min Pulse Width (Clock Low Time)
—
—
500
625
690
690
1100
625
690
1100
ps
Notes to Table 1–22:
(1) Use a memory block clock that comes through global clock routing from an on-chip PLL set to 50% output duty cycle to achieve the maximum memory block
performance. Use the Quartus II software to report timing for this and other memory block clocking schemes.
(2) The F
max shown for M9K degrades 2% when you use the Error Detection CRC feature on the device, except for the C4L speed grade with VCCL = 0.9 V. For the
C4L speed grade with V
CCL = 0.9V, there is no degradation in F
max when you use the Error Detection CRC feature.
(3) The F
max shown for M144K degrades 10 MHz when you use byte-enable support on M144K.
(4) Fmax is applicable when the COMPTABILITY option is turned ON.
(5) Fmax is applicable when the COMPTABILITY option is turned OFF. This option is turned ON by default in Quartus II software.
(6) The Fmax for the EP3SL200, EP3SE260, and EP3SL340 devices at the C2 speed grade is 7% slower than the C2 values shown in the table.
Table 1–22. TriMatrix Memory Block Performance Specifications for Stratix III Devices (Note 1) (Part 3 of 3)
Memory
Block
Type
Mode
ALUTs
TriMatrix
Memory
C2 (6)
C3
C4
C4L
I3
I4
I4L
Unit
V
CCL =
1.1 V
V
CCL =
1.1 V
V
CCL =
1.1 V
V
CCL =
1.1 V
V
CCL =
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
Table 1–23. Configuration Mode Specifications for Stratix III Devices (Note 1)
Programming Mode
DCLK F
max
Unit
Passive Serial
100
MHz
Fast Passive Parallel (2)
100
MHz
Fast Active Serial (3)
40
MHz
Notes to Table 1–23:
(1) DCLK Fmax is restricted when you enable the Remote Update feature. For more information, refer to the Remote
Update Circuitry (ALTREMOTE_UPDATE) Megafunction User Guide.
(2) The data rate must be 4× slower than the clock when you use decompression and/or encryption.
(3) For more information about the minimum and typical DCLK Fmax value in Fast Active Serial configuration, refer to
the Configuring Stratix III Devices chapter.
Table 1–24. JTAG Timing Parameters and Values for Stratix III Devices
Symbol
Parameter
Min
Max
Unit
t
JCP
TCK clock period
30
—
ns
t
JCH
TCK clock high time
14
—
ns
t
JCL
TCK clock low time
14
—
ns
t
JPSU (TDI)
JTAG port setup time for TDI
1
—
ns
t
JPSU (TMS)
JTAG port setup time for TMS
3
—
ns
t
JPH
JTAG port hold time
5
—
ns
t
JPCO
JTAG port clock to output
—
11
ns
t
JPZX
JTAG port high impedance to valid output
—
14
ns
t
JPXZ
JTAG port valid output to high impedance
—
14
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com