Electronic Components Datasheet Search
  English  ▼

X  

EP3SL200 Datasheet(PDF) 101 Page - Altera Corporation

Part # EP3SL200
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL200 Datasheet(HTML) 101 Page - Altera Corporation

Back Button EP3SL200 Datasheet HTML 97Page - Altera Corporation EP3SL200 Datasheet HTML 98Page - Altera Corporation EP3SL200 Datasheet HTML 99Page - Altera Corporation EP3SL200 Datasheet HTML 100Page - Altera Corporation EP3SL200 Datasheet HTML 101Page - Altera Corporation EP3SL200 Datasheet HTML 102Page - Altera Corporation EP3SL200 Datasheet HTML 103Page - Altera Corporation EP3SL200 Datasheet HTML 104Page - Altera Corporation EP3SL200 Datasheet HTML 105Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–91
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
DIFFERENTIAL
1.5-V
HSTL CLASS I
6mA
GCLK t
co
3.091
3.326
4.733 5.149 5.676 5.532 5.731
5.284
5.815
5.671
5.800
ns
GCLK
PLL
t
co
3.071
3.306
4.710 5.125 5.653 5.509 5.708
5.261
5.791
5.647
5.776
ns
DIFFERENTIAL
1.5-V
HSTL CLASS I
8mA
GCLK t
co
3.068
3.302
4.706 5.122 5.649 5.505 5.704
5.257
5.788
5.644
5.773
ns
GCLK
PLL
t
co
3.073
3.306
4.697 5.110 5.635 5.491 5.690
5.244
5.772
5.628
5.757
ns
DIFFERENTIAL
1.8-V
HSTL CLASS I
4mA
GCLK t
co
3.066
3.299
4.696 5.111 5.638 5.494 5.693
5.247
5.777
5.633
5.762
ns
GCLK
PLL
t
co
3.094
3.328
4.724 5.138 5.664 5.520 5.719
5.273
5.802
5.658
5.787
ns
DIFFERENTIAL
1.8-V
HSTL CLASS I
6mA
GCLK t
co
3.076
3.311
4.709 5.123 5.649 5.505 5.704
5.258
5.787
5.643
5.772
ns
GCLK
PLL
t
co
3.062
3.295
4.686 5.099 5.624 5.480 5.679
5.234
5.762
5.618
5.747
ns
DIFFERENTIAL
1.8-V
HSTL CLASS I
8mA
GCLK t
co
2.668
2.842
3.979 4.346 4.821 4.685 4.892
4.453
4.930
4.795
4.940
ns
GCLK
PLL
t
co
3.062
3.288
4.646 5.055 5.575 5.431 5.630
5.186
5.709
5.565
5.694
ns
DIFFERENTIAL
1.8-V
HSTL CLASS I
10mA
GCLK t
co
3.044
3.278
4.684 5.101 5.629 5.485 5.684
5.237
5.770
5.626
5.755
ns
GCLK
PLL
tco
2.668
2.842
3.979 4.346 4.821 4.685 4.892
4.453
4.930
4.795
4.940
ns
DIFFERENTIAL
1.8-V
HSTL CLASS I
12mA
GCLK t
co
3.062
3.288
4.646 5.055 5.575 5.431 5.630
5.186
5.709
5.565
5.694
ns
GCLK
PLL
tco
3.044
3.278
4.684 5.101 5.629 5.485 5.684
5.237
5.770
5.626
5.755
ns
DIFFERENTIAL
1.8-V
HSTL CLASS II
16mA
GCLK t
co
2.668
2.842
3.979 4.346 4.821 4.685 4.892
4.453
4.930
4.795
4.940
ns
GCLK
PLL
t
co
3.062
3.288
4.646 5.055 5.575 5.431 5.630
5.186
5.709
5.565
5.694
ns
DIFFERENTIAL
1.5-V
SSTL CLASS I
4mA
GCLK t
co
3.044
3.278
4.684 5.101 5.629 5.485 5.684
5.237
5.770
5.626
5.755
ns
GCLK
PLL
t
co
3.098
3.331
4.730 5.145 5.672 5.528 5.727
5.280
5.809
5.665
5.794
ns
DIFFERENTIAL
1.5-V
SSTL CLASS I
6mA
GCLK t
co
3.084
3.317
4.717 5.132 5.659 5.515 5.714
5.266
5.796
5.652
5.781
ns
GCLK
PLL
t
co
3.080
3.313
4.715 5.132 5.660 5.516 5.715
5.266
5.798
5.654
5.783
ns
DIFFERENTIAL
1.5-V
SSTL CLASS I
8mA
GCLK t
co
3.096
3.328
4.716 5.129 5.654 5.510 5.709
5.263
5.791
5.647
5.776
ns
GCLK
PLL
t
co
3.085
3.318
4.712 5.125 5.651 5.507 5.706
5.260
5.788
5.644
5.773
ns
DIFFERENTIAL
1.8-V
SSTL CLASS I
4mA
GCLK t
co
3.082
3.315
4.710 5.123 5.649 5.505 5.704
5.258
5.787
5.643
5.772
ns
GCLK
PLL
t
co
3.093
3.325
4.711 5.124 5.648 5.504 5.703
5.257
5.785
5.641
5.770
ns
DIFFERENTIAL
1.8-V
SSTL CLASS I
6mA
GCLK t
co
3.083
3.316
4.709 5.122 5.647 5.503 5.702
5.257
5.785
5.641
5.770
ns
GCLK
PLL
t
co
3.069
3.302
4.694 5.107 5.633 5.489 5.688
5.242
5.770
5.626
5.755
ns
Table 1–58. EP3SL70 Row Pins Output Timing Parameters (Part 2 of 3)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com