Electronic Components Datasheet Search
  English  ▼

X  

AD9142 Datasheet(PDF) 37 Page - Analog Devices

Part # AD9142
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9142 Datasheet HTML 33Page - Analog Devices AD9142 Datasheet HTML 34Page - Analog Devices AD9142 Datasheet HTML 35Page - Analog Devices AD9142 Datasheet HTML 36Page - Analog Devices AD9142 Datasheet HTML 37Page - Analog Devices AD9142 Datasheet HTML 38Page - Analog Devices AD9142 Datasheet HTML 39Page - Analog Devices AD9142 Datasheet HTML 40Page - Analog Devices AD9142 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 65 page
background image
Data Sheet
AD9142
Rev. 0 | Page 37 of 64
PLL SETTINGS
The PLL circuitry requires three settings to be programmed to
their nominal values. The PLL values shown in Table 21 are the
recommended settings for these parameters.
Table 21. PLL Settings
PLL SPI Control
Register
Register
Address
Optimal Setting
(Binary)
PLL Loop Bandwidth
0x14[7:5]
111
PLL Charge Pump Current
0x14[4:0]
00111
PLL Cross Control Enable
0x15[4]
0
CONFIGURING THE VCO TUNING BAND
The PLL VCO has a valid operating range from approximately
1.0 GHz to 2.1 GHz covered in 64 overlapping frequency bands.
For any desired VCO output frequency, there may be several
valid PLL band select values. The frequency bands of a typical
device are shown in Figure 53. Device-to-device variations and
operating temperature affect the actual band frequency range.
Therefore, it is required that the optimal PLL band select value
be determined for each individual device.
AUTOMATIC VCO BAND SELECT
The device has an automatic VCO band select feature on chip.
Using the automatic VCO band select feature is a simple and
reliable method of configuring the VCO frequency band. This
feature is enabled by starting the PLL in manual mode, and then
placing the PLL in autoband select mode by setting Register
0x12 to a value of 0xC0 and then to a value of 0x80. When these
values are written, the device executes an automated routine
that determines the optimal VCO band setting for the device.
The setting selected by the device ensures that the PLL remains
locked over the full −40°C to +85°C operating temperature
range of the device without further adjustment. The PLL
remains locked over the full temperature range even if the
temperature during initialization is at one of the temperature
extremes.
Figure 53. PLL Lock Range for a Typical Device
MANUAL VCO BAND SELECT
The device includes a manual band select mode (PLL auto
manual enable, Register 0x12[6] = 1) that lets the user select the
VCO tuning band. In manual mode, the VCO band is set
directly with the value written to the manual VCO band bits
(Register 0x12[5:0]).
PLL ENABLE SEQUENCE
To enable the PLL in automatic or manual mode properly, the
following sequence must be followed:
Automatic Mode Sequence
1. Configure the loop divider and the VCO divider registers
for the desired divide ratios.
2. Set 00111b to PLL charge pump current and 111b to PLL
loop bandwidth for the best performance.
3. Set the PLL mode to manual using Register 0x12[6] = 1b.
4. Enable the PLL using Register 0x12[7] = 1b.
5. Set the PLL mode to automatic using Register 0x12[6] = 0b.
6. Enable the PLL using Register 0x12[7] = 1b.
Manual Mode
1. Configure the loop divider and the VCO divider registers
for the desired divide ratios.
2. Set 00111b to PLL charge pump current and 111b to PLL
loop bandwidth for the best performance.
3. Select the desired band.
4. Set the PLL mode to manual using Register 0x12[6] = 1b.
5. Enable the PLL using Register 0x12[7] = 1b.
6. Enable the PLL one more time using Register 0x12[7] = 1b.
61
57
53
49
45
41
37
33
29
25
21
17
13
9
5
1
950
1150
1350
1550
1750
1950
2150
VCO FREQUENCY (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com