Electronic Components Datasheet Search
  English  ▼

X  

AD9142 Datasheet(PDF) 56 Page - Analog Devices

Part # AD9142
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142 Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9142 Datasheet HTML 52Page - Analog Devices AD9142 Datasheet HTML 53Page - Analog Devices AD9142 Datasheet HTML 54Page - Analog Devices AD9142 Datasheet HTML 55Page - Analog Devices AD9142 Datasheet HTML 56Page - Analog Devices AD9142 Datasheet HTML 57Page - Analog Devices AD9142 Datasheet HTML 58Page - Analog Devices AD9142 Datasheet HTML 59Page - Analog Devices AD9142 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 65 page
background image
AD9142
Data Sheet
Rev. 0 | Page 56 of 64
QDAC_DC_OFFSET1 REGISTER
Address: 0x3E, Reset: 0x00, Name: QDAC_DC_OFFSET1
Table 72. Bit Descriptions for QDAC_DC_OFFSET1
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
QDAC_DC_OFFSET_MSB
QDAC DC offset, Bits[15:0], is a dc value that is added directly to the
sample values written to the QDAC.
0x00
RW
IDAC_GAIN_ADJ REGISTER
Address: 0x3F, Reset: 0x20, Name: IDAC_GAIN_ADJ
Table 73. Bit Descriptions for IDAC_GAIN_ADJ
Bits
Bit Name
Settings
Description
Reset
Access
[5:0]
IDAC_GAIN_ADJ
This register is the 6-bit digital gain adjust on the I channel. The bit
weighting is MSB = 20, LSB = 2−5, which yields a multiplier range of 0 to 2 or
−∞ to 6 dB.The default gain setting is 0x20, which maps to unity gain (0 dB).
0x20
RW
QDAC_GAIN_ADJ REGISTER
Address: 0x40, Reset: 0x20, Name: QDAC_GAIN_ADJ
Table 74. Bit Descriptions for QDAC_GAIN_ADJ
Bits
Bit Name
Settings
Description
Reset
Access
[5:0]
QDAC_GAIN_ADJ
This register is the 6-bit digital gain adjust on the Q channel. The bit
weighting is MSB = 20, LSB = 2−5, which yields a multiplier range of 0 to 2 or
−∞ to 6 dB.The default gain setting is 0x20, which maps to unity gain (0 dB).
0x20
RW
GAIN STEP CONTROL0 REGISTER
Address: 0x41, Reset: 0x01, Name: GAIN_STEP_CTRL0
Table 75. Bit Descriptions for GAIN_STEP_CTRL0
Bits
Bit Name
Settings
Description
Reset
Access
[5:0]
RAMP_UP_STEP
This register sets the step size of the increasing gain. The digital gain
increases by the configured amount in every four DAC cycles until the
gain reaches the setting in I/QDAC_GAIN_ADJ (Register 0x3F and
Register 0x40). The bit weighting is MSB = 21, LSB = 2−4. Note that the
value in this register should not be greater than the values in the
I/QDAC_GAIN_ADJ (Register 0x3F and Register 0x40).
0x01
RW
GAIN STEP CONTROL1 REGISTER
Address: 0x42, Reset: 0x01, Name: GAIN_STEP_CTRL1
Table 76. Bit Descriptions for GAIN_STEP_CTRL1
Bits
Bit Name
Settings
Description
Reset
Access
7
DAC_OUTPUT_STATUS
This bit indicates the DAC output on/off status. When the DAC output
is automatically turned off, this bit is 1.
0x0
RW
6
DAC_OUTPUT_ON
In the case where the DAC output is automatically turned off in the
input power protection mode or TX enable mode, this register allows
for turning on the DAC output manually. It is a self clear bit.
0x0
R
[5:0]
RAMP_DOWN_STEP
This register sets the step size of the decreasing gain. The digital gain
decreases by the configured amount in every four DAC cycles until the
gain reaches zero. The bit weighting is MSB = 21, LSB = 2−4. Note that the
value in this register should not be greater than the values in the
I/QDAC_GAIN_ADJ (Register 0x3F and Register 0x40).
0x01
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com