Electronic Components Datasheet Search
  English  ▼

X  

AD9142 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9142
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142 Datasheet(HTML) 1 Page - Analog Devices

  AD9142 Datasheet HTML 1Page - Analog Devices AD9142 Datasheet HTML 2Page - Analog Devices AD9142 Datasheet HTML 3Page - Analog Devices AD9142 Datasheet HTML 4Page - Analog Devices AD9142 Datasheet HTML 5Page - Analog Devices AD9142 Datasheet HTML 6Page - Analog Devices AD9142 Datasheet HTML 7Page - Analog Devices AD9142 Datasheet HTML 8Page - Analog Devices AD9142 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
Dual, 16-Bit, 1600 MSPS, TxDAC+
Digital-to-Analog Converter
Data Sheet
AD9142
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Very small inherent latency variation: <2 DAC clock cycles
Proprietary low spurious and distortion design
6-carrier GSM ACLR = 79 dBc at 200 MHz IF
SFDR > 85 dBc (bandwidth = 300 MHz) at ZIF
Flexible 16-bit LVDS interface
Supports word and byte load
Multiple chip synchronization
Fixed latency and data generator latency compensation
Selectable 2×, 4×, 8× interpolation filter
Low power architecture
fS/4 power saving coarse mixer
Input signal power detection
Emergency stop for downstream analog circuitry
protection
FIFO error detection
On-chip numeric control oscillator allows carrier placement
anywhere in the DAC Nyquist bandwidth
Transmit enable function for extra power saving
High performance, low noise PLL clock multiplier
Digital gain and phase adjustment for sideband suppression
Digital inverse sinc filter
Supports single DAC mode
Low power: 2.0 W at 1.6 GSPS, 1.7 W at 1.25 GSPS, full
operating conditions
72-lead LFCSP
APPLICATIONS
Wireless communications: 3G/4G and MC-GSM base stations,
wideband repeaters, software defined radios
Wideband communications: point-to-point, LMDS/MMDS
Transmit diversity/MIMO
Instrumentation
Automated test equipment
GENERAL DESCRIPTION
The AD9142 is a dual, 16-bit, high dynamic range digital-to-
analog converter (DAC) that provides a sample rate of 1600 MSPS,
permitting a multicarrier generation up to the Nyquist frequency.
The AD9142 TxDAC+® includes features optimized for direct
conversion transmit applications, including complex digital mod-
ulation, input signal power detection, and gain, phase, and offset
compensation. The DAC outputs are optimized to interface
seamlessly with analog quadrature modulators, such as the
ADL537x F-MOD series and the ADRF670x series from Analog
Devices, Inc. A 3-wire serial port interface provides for the pro-
gramming/readback of many internal parameters. Full-scale
output current can be programmed over a range of 9 mA to 33 mA.
The AD9142 is available in a 72-lead LFCSP.
PRODUCT HIGHLIGHTS
1. Advanced low spurious and distortion design techniques
provide high quality synthesis of wideband signals from
baseband to high intermediate frequencies.
2. Very small inherent latency variation simplifies both software
and hardware design in the system. It allows easy multichip
synchronization for most applications.
3. New low power architecture improves power efficiency
(mW/MHz/channel) by 30%.
4. Input signal power and FIFO error detection simplify
designs for downstream analog circuitry protection.
5. Programmable transmit enable function allows easy design
balance between power consumption and wakeup time.


Similar Part No. - AD9142

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9142A AD-AD9142A Datasheet
1Mb / 73P
Multiple chip synchronization
Rev. A
AD9142A-M5372-EBZ AD-AD9142A-M5372-EBZ Datasheet
1Mb / 73P
Multiple chip synchronization
Rev. A
AD9142A-M5375-EBZ AD-AD9142A-M5375-EBZ Datasheet
1Mb / 73P
Multiple chip synchronization
Rev. A
AD9142ABCPZ AD-AD9142ABCPZ Datasheet
1Mb / 73P
Multiple chip synchronization
Rev. A
AD9142ABCPZRL AD-AD9142ABCPZRL Datasheet
1Mb / 73P
Multiple chip synchronization
Rev. A
More results

Similar Description - AD9142

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9122 AD-AD9122 Datasheet
1Mb / 56P
Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9148 AD-AD9148 Datasheet
851Kb / 73P
Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
AD9125 AD-AD9125 Datasheet
889Kb / 56P
Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9146 AD-AD9146 Datasheet
1Mb / 52P
Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9139 AD-AD9139 Datasheet
1Mb / 56P
16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
logo
Texas Instruments
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
TxDAC Digital-to- Analog Converter
3/14-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com