Electronic Components Datasheet Search
  English  ▼

X  

AD9142 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9142
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9142 Datasheet HTML 35Page - Analog Devices AD9142 Datasheet HTML 36Page - Analog Devices AD9142 Datasheet HTML 37Page - Analog Devices AD9142 Datasheet HTML 38Page - Analog Devices AD9142 Datasheet HTML 39Page - Analog Devices AD9142 Datasheet HTML 40Page - Analog Devices AD9142 Datasheet HTML 41Page - Analog Devices AD9142 Datasheet HTML 42Page - Analog Devices AD9142 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
Data Sheet
AD9142
Rev. 0 | Page 39 of 64
Figure 56 shows the most basic DAC output circuitry. A pair of
resistors, RO, convert each of the complementary output currents to
a differential voltage output, VOUT. Because the current outputs
of the DAC are high impedance, the differential driving point
impedance of the DAC outputs, ROUT, is equal to 2 × RO. See
Figure 57 for the output voltage waveforms.
Figure 56. Basic Transmit DAC Output Circuit
Figure 57. Output Voltage Waveforms
The common-mode signal voltage, VCM, is calculated as
O
FS
CM
R
I
V
×
=
2
The peak output voltage, VPEAK, is calculated as
VPEAK = IFS × RO
In this circuit configuration, the single-ended peak voltage is
the same as the peak differential output voltage.
INTERFACING TO MODULATORS
The AD9142 interfaces to the ADL537x family of modulators
with a minimal number of components. An example of the
recommended interface circuitry is shown in Figure 58.
Figure 58. Typical Interface Circuitry Between the AD9142 and the ADL537x
Family of Modulators
The baseband inputs of the ADL537x family require a dc bias
of 500 mV. The nominal midscale output current on each output of
the DAC is 10 mA (one-half the full-scale current). Therefore,
a single 50 Ω resistor to ground from each of the DAC outputs
results in the desired 500 mV dc common-mode bias for the
inputs to the ADL537x. The addition of the load resistor in
parallel with the modulator inputs reduces the signal level. The
peak-to-peak voltage swing of the transmitted signal is
)
2
(
)
2
(
L
B
L
B
FS
SIGNAL
R
R
R
R
I
V
+
×
×
×
×
=
Baseband Filter Implementation
Most applications require a baseband anti-imaging filter between
the DAC and the modulator to filter out Nyquist images and
broadband DAC noise. The filter can be inserted between the
I-V resistors at the DAC output and the signal level setting resistor
across the modulator input. This configuration establishes the
input and output impedances for the filter.
Figure 59 shows a fifth-order, low-pass filter. A common-mode
choke is placed between the I-V resistors and the remainder of
the filter to remove the common-mode signal produced by the
DAC and to prevent the common-mode signal from being
converted to a differential signal, which can appear as unwanted
spurious signals in the output spectrum. Splitting the first filter
capacitor into two and grounding the center point creates a
common-mode low-pass filter, which provides additional
common-mode rejection of high frequency signals. A purely
differential filter can pass common-mode signals.
For more details about interfacing the AD9142 DAC to an IQ
modulator, refer to the Circuits from the Lab CN-0205, Interfacing
the ADL5375 I/Q Modulator to the AD9122 Dual Channel,
1.2 GSPS High Speed DAC on the Analog Devices website.
Figure 59. DAC Modulator Interface with Fifth-Order, Low-Pass Filter
RO
RO
VIP +
VIN –
VOUTI
IOUT1P
IOUT1N
RO
RO
VQP +
VQN –
VOUTQ
IOUT2P
IOUT2N
+VPEAK
VCM
0
–VPEAK
VN
VP
VOUT
RBIP
50Ω
RBIN
50Ω
67
66
IBBN
IBBP
AD9142
ADL537x
RBQN
50Ω
RBQP
50Ω
59
58
RLI
100Ω
RLQ
100Ω
IOUT1N
IOUT1P
IOUT2P
IOUT2N
QBBP
QBBN
AD9142
50Ω
50Ω
33nH
33nH
3.6pF
33nH
33nH
140Ω
6pF
3pF
3pF
22pF
22pF
ADL537x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com