Electronic Components Datasheet Search
  English  ▼

X  

AD9142 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9142
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9142 Datasheet HTML 26Page - Analog Devices AD9142 Datasheet HTML 27Page - Analog Devices AD9142 Datasheet HTML 28Page - Analog Devices AD9142 Datasheet HTML 29Page - Analog Devices AD9142 Datasheet HTML 30Page - Analog Devices AD9142 Datasheet HTML 31Page - Analog Devices AD9142 Datasheet HTML 32Page - Analog Devices AD9142 Datasheet HTML 33Page - Analog Devices AD9142 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 65 page
background image
AD9142
Data Sheet
Rev. 0 | Page 30 of 64
INVERSE SINC FILTER
The AD9142 provides a digital inverse sinc filter to compensate
for the DAC rolloff over frequency. The inverse sinc (sinc−1) filter
is a seven tap FIR filter. Figure 47 shows the frequency response
of sin(x)/x rolloff, the inverse sinc filter, and their composite
response. The composite response has less than ±0.05 dB pass-
band ripple up to a frequency of 0.4 × fDAC.
To provide the necessary peaking at the upper end of the pass
band, the inverse sinc filter has an intrinsic insertion loss of about
3.8 dB. The loss of the digital gain can be offset by increasing the
quadrature gain adjustment setting on both the I and Q data paths
to minimize the impact on the output signal-to-noise ratio. How-
ever, care is needed to ensure that the additional digital gain does
not cause signal saturation, especially at high output frequencies.
The sinc−1 filter is disabled by default; it can be enabled by setting
the INVSINC_ENABLE bit to 1 in Register 0x27[7]).
Figure 47. Responses of sin(x)/x Roll Off (Blue), the Sinc−1 Filter (Red), and the
Composite of Both (Black)
Table 18. Inverse Sinc Filter
Lower Coefficient
Upper Coefficient
Integer Value
H(1)
H(7)
−1
H(2)
H(6)
+4
H(3)
H(5)
−16
H(4)
+192
INPUT SIGNAL POWER DETECTION AND
PROTECTION
The input signal power detection and protection function detects
the average power of the DAC input signal and prevents overrange
signals from being passed to the next stage. An overrange DAC
output signal can cause destructive breakdown on power sensitive
devices, such as power amplifiers. The power detection and
protection feature of the AD9142 detects overrange signals in
the DAC. When an overrange signal is detected, the protection
function either attenuates or mutes the signal to protect the
downstream devices from abnormal power surges in the signal.
Figure 48 shows the block diagram of the power detection and
protection function. The protection block is at the very last
stage of the data path and the detection block uses a separate
path from the data path. The design of the detection block
guarantees that the worst-case latency of power detecting is
shorter than that of the data path. This ensures that the
protection circuit initiates before the overrange signal reaches
the analog DAC core. The sum of I2 and Q2 is calculated as a
representation of the input signal power. Only the upper six
MSBs, D[15:10], of data samples are used in the calculation;
consequently, samples whose power is 36 dB below the full-
scale peak power are not detected. The calculated sample power
numbers accumulate through a moving average filter. Its output
is the average of the input signal power in a certain number of
data clock cycles. The length of the filter is configurable through
the SAMPLE_WINDOW_LENGTH (Register 0x2B[3:0]). To
determine whether the input average power is over range, the
device averages the power of the samples in the filter and
compares the average power with a user defined threshold,
OVER_THRESHOLD_LEVEL[11:0] (Register 0x29 and
Register 0x2A). When the output of the averaging filter is larger
than the threshold, the DAC output is either attenuated or muted.
The appropriate filter length and average power threshold for
effective protection are application dependent. It is recommended
that experiments be performed with real-world vectors to
determine the values of these parameters.
Figure 48. Block Diagram of Input Signal Power Detection and Protection Function
1
–5
–4
–3
–2
–1
0
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.50
0.45
FREQUENCY (Hz)
AVERAGING
FILTER
SIGNAL
PROCESSING
ENGINE
POWER
PROTECTION
(ATTENUATE
OR MUTE)
DAC
CORE
FILTER LENGTH
SETTINGS
REG 0x2B[3:0]
USER-DEFINED THRESHOLD
REG 0x29 AND 0x2A[4:0]
AVE POWER
REG 0x2C AND
0x2D[4:0]
POWER DETECTION
FIFO
I2 + Q2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com